Electronic Components Datasheet Search
  English  ▼

X  

LT1677 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1677
Description  Low Noise, Rail-to-Rail Precision Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677 Datasheet(HTML) 5 Page - Linear Technology

  LT1677 Datasheet HTML 1Page - Linear Technology LT1677 Datasheet HTML 2Page - Linear Technology LT1677 Datasheet HTML 3Page - Linear Technology LT1677 Datasheet HTML 4Page - Linear Technology LT1677 Datasheet HTML 5Page - Linear Technology LT1677 Datasheet HTML 6Page - Linear Technology LT1677 Datasheet HTML 7Page - Linear Technology LT1677 Datasheet HTML 8Page - Linear Technology LT1677 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1677
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
45
180
µV
VCM = 14.0V to 14.7V
q
200
650
µV
VCM = –13.3V to –15V
q
2
6.5
mV
∆VOS
Average Input Offset Drift
SO-8
q
0.40
2.0
µV/°C
∆Temp
N8 (Note 10)
q
0.20
0.5
µV/°C
IB
Input Bias Current
q
±7
±50
nA
VCM = 14.0V to 14.7V
q
0.25
0.75
µA
VCM = –13.3V to –15V
q
– 2.3
– 0.45
µA
IOS
Input Offset Current
q
640
nA
VCM = 14.0V to 14.7V
q
100
250
nA
VCM = –13.3V to –15V
q
100
400
nA
VCM
Input Voltage Range
q
–15
14.7
V
CMRR
Common Mode Rejection Ratio
VCM = –13.3V to 14.0V
q
105
124
dB
VCM = –15V to 14.7V
q
72
91
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.7V to ±18V
q
103
125
dB
VS = 3.1V to 40V, VCM = VO = 1.7V
q
105
120
dB
AVOL
Large-Signal Voltage Gain
RL ≥ 10k, VO = ±14V
q
317
V/
µV
RL ≥ 1k, VO = ±13.5V
q
1.5
8
V/
µV
RL ≥ 600Ω, VO = ±10V
q
0.2
0.35
V/
µV
VCC = 5V or 3V, VEE = 0V, VCM = 1.7V,
VOUT = 0.5V to:
RL ≥ 10k, VCC – 0.5V
q
215
V/
µV
RL ≥ 1k, VCC – 0.7V
q
0.2
2
V/
µV
VOL
Output Voltage Swing Low
Above VEE
ISINK = 0.1mA
q
90
230
mV
ISINK = 2.5mA
q
175
350
mV
ISINK = 10mA
q
450
650
mV
VOH
Output Voltage Swing High
Below VCC
ISOURCE = 0.1mA
q
150
250
mV
ISOURCE = 2.5mA
q
250
375
mV
ISOURCE = 10mA
q
600
850
mV
ISC
Output Short-Circuit Current (Note 3)
q
18
25
mA
SR
Slew Rate
RL ≥ 10k (Note 9)
q
1.2
2.0
V/
µs
GBW
Gain Bandwidth Product
fO = 100kHz
q
5.8
MHz
IS
Supply Current
q
3.1
4.0
mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. Current limiting
resistors are not used in order to achieve low noise. If differential input
voltage exceeds
±1.4V, the input current should be limited to 25mA. If the
common mode range exceeds either rail, the input current should be
limited to 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT1677C and LTC1677I are guaranteed functional over the
Operating Temperature Range of – 40
°C to 85°C.
Note 5: The LT1677C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1677C is designed, characterized and expected to
meet specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1677I is guaranteed to meet the
extended temperature limits.
Note 6: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifier; i.e., out of 100 LT1677s, typically 60
op amps will be better than the indicated specification.
Note 7: See the test circuit and frequency response curve for 0.1Hz to
10Hz tester in the Applications Information section of the LT1677 data
sheet.
Note 8: Noise is 100% tested.
Note 9: Slew rate is measured in AV = – 1; input signal is ±7.5V, output
measured at
±2.5V.
Note 10: This parameter is not 100% tested.
The q denotes the specifications which apply over the temperature range of
–40
°C < TA < 85°C. VS = ±15V, VCM = VO = 0V unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com