Electronic Components Datasheet Search
  English  ▼

X  

LT1684 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1684
Description  Micropower Ring Tone Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1684 Datasheet(HTML) 3 Page - Linear Technology

  LT1684 Datasheet HTML 1Page - Linear Technology LT1684 Datasheet HTML 2Page - Linear Technology LT1684 Datasheet HTML 3Page - Linear Technology LT1684 Datasheet HTML 4Page - Linear Technology LT1684 Datasheet HTML 5Page - Linear Technology LT1684 Datasheet HTML 6Page - Linear Technology LT1684 Datasheet HTML 7Page - Linear Technology LT1684 Datasheet HTML 8Page - Linear Technology LT1684 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1684
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: IC Supply current specification represents unloaded condition and
does not include external FET gate pull up/down currents (GATE +, GATE –
pins). Actual total IC bias currents will be higher and vary with operating
conditions. See Applications Information.
Note 3: PWM inputs are high impedance through
±100mV beyond the
input thresholds.
Note 4: 10k resistor from pin AMPIN to ground.
Note 5: Guaranteed but not tested.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V + – V – = 20V, Voltages referenced to pin OUT, VOUT = VATREF unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Protection
IS
DC Supply Current (Note 2)
IN A – IN B
≥ 1.6V
q
680
950
µA
|V +|
Local Supply Voltages
VGATE+ ≥ V +
q
6.5
10
V
|V –|VGATE– ≤ V
–
VGATE+
Active Tracking Supply FET
IGATE+ = –100µA,
q
13.2
14.0
14.8
V
Bias Voltage
ATREF = 0V
VGATE–
Active Tracking Supply FET
IGATE– = 100µA,
q
–14.8
–14.0
–13.2
V
Bias Voltage
ATREF = 0V
PWM Receiver
fPWM
Input Carrier Frequency
10
kHz
VIN
Minimum Valid Differential Input
IN A – IN B or IN B – IN A
q
1.6
V
Differential Input Threshold
q
0.50
0.70
1.00
V
| IN A – IN B |
RIN
Differential Input Overdrive Impedance
VIN > VTH + 100mV
q
710
k
Ω
(Note 3, 5)
RINA,INB
Single-Ended Input Impedance
To Pin OUT
q
50
k
Ω
(Note 5)
BG Buffer
VBGOUT
BGOUT Normalized Voltage
Magnitude |VBGOUT|
1.235
1.250
1.265
V
q
1.225
1.250
1.275
V
VBGOUTOS
Output Offset Voltage
–7
7
mV
[(VBGOUT+) + (VBGOUT–)]/2
q
–10
10
mV
IBGOUTSC
BGOUT Short-Circuit Current
q
±2
±4.5
mA
RBGOUT
BGOUT Output Impedance
– 2mA
≤ IBGOUT ≤ 2mA
0.2
Ω
tr
BGOUT Rise Time (10% to 90%)
ROUT = 5k, COUT = 10pF
q
160
300
ns
tf
BGOUT Fall Time (10% to 90%)
ROUT = 5k, COUT = 10pF
q
260
400
ns
∆tr-f
BGOUT RiseTime – Fall Time
q
– 200
–100
0
ns
tpr
BGOUT Propagation Delay PWM Input
ROUT = 5k, COUT = 10pF
q
340
500
ns
Transition to 10% Output (Rising Edge)
tpf
BGOUT Propagation Delay PWM Input
ROUT = 5k, COUT = 10pF
q
440
600
ns
Transition to 90% Output (Falling Edge)
∆tp
BGOUT Propagation Delay
q
– 200
–100
100
ns
Rising Edge – Falling Edge
Output Amplifier
VOUTOS
OUT Offset Voltage
VAMPIN = 0v, IOUT = 0A
– 6
6
mV
RAMPIN = 10k (Note 4)
q
–8
8
mV
ROUT
OUT Output Impedance
–10mA
≥ ILIM+ ≥ –100mA, LIM+ Shorted to OUT
0.01
Ω
10mA
≤ IOUT ≤ 100mA, LIM– Shorted to V–
0.15
Ω
IOUTSC
OUT Short-Circuit Current
LIM + Shorted to OUT
q
±100
±190
mA
LIM – Shorted to V –
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com