Electronic Components Datasheet Search
  English  ▼

X  

LT1684 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1684
Description  Micropower Ring Tone Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1684 Datasheet(HTML) 5 Page - Linear Technology

  LT1684 Datasheet HTML 1Page - Linear Technology LT1684 Datasheet HTML 2Page - Linear Technology LT1684 Datasheet HTML 3Page - Linear Technology LT1684 Datasheet HTML 4Page - Linear Technology LT1684 Datasheet HTML 5Page - Linear Technology LT1684 Datasheet HTML 6Page - Linear Technology LT1684 Datasheet HTML 7Page - Linear Technology LT1684 Datasheet HTML 8Page - Linear Technology LT1684 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1684
IN B (Pin 1): PWM Negative Input. Input is isolated from
digital source by ~100pF series capacitor. A 10k resistor
can be connected to the IN B pin in series with the isolation
capacitor for transient protection. The PWM receiver imple-
ments a diode forward drop of input hysteresis (relative to
IN A). This hysteresis and internal signal limiting assure
common mode glitch rejection with isolation capacitor
mismatches up to 2:1. For maximum performance, how-
ever, effort should be made to match the two PWM input
isolation capacitors. Pin IN B is differentially clamped to
pin IN A through back-to-back diodes. This results in a
high impedance differential input through
±100mV be-
yond the input thresholds. 5k internal input resistors yield
a 10k (nominal) differential overdrive impedance.
COMP1 (Pin 2): Output Amplifier Primary Compensation.
Connect a 100pF capacitor from pin COMP1 to pin OUT.
COMP2 (Pin 3): Output Amplifier Secondary Compensa-
tion. Connect a 20pF capacitor from pin COMP2 to pin
OUT.
LIM – (Pin 4): Output Amplifier Current Sink Limit. Pin
implements IOUT • R = VBE current clamp. Internal clamp
resistor has a typical value of 3.5
Ω. For maximum current
drive capability (190mA typical) short pin to pin V –.
Reduction of current sink capability is achieved by placing
additional resistance from pin LIM – to pin V –. (i.e. An
external 3.5
Ω resistance from pin LIM– to pin V– will
reduce the current sinking capability of the output ampli-
fier by approximately 50%.)
V – (Pin 5): Local Negative Supply. Typically connected to
the source of the active tracking supply P-channel MOSFET.
V – rail voltage is GATE – self-bias voltage less the MOSFET
VGS. Typical P-channel MOSFET characteristics provide
ATREF – V – ≈ 10V.
GATE– (Pin 6): Negative Power Supply FET Gate Drive. Pin
sources current from pull-down resistor to bias gate of
active tracking supply P-channel MOSFET. Self-biases to
a typical value of –14V, referenced to pin ATREF. Pull-down
resistor value is determined such that current sourced
from the GATE – pin remains greater than 50
µA at mini-
mum output signal voltage and less than 10mA at maxi-
mum output signal voltage.
ATREF (Pin 7): Active Tracking Supply Reference. Typi-
cally connected to pin OUT. Pin bias current is the differ-
ence between the magnitudes of GATE + pin bias and
GATE– pin bias (IATREF = IGATE+ – IGATE–).
OUT (Pin 8): Ring Tone Output Pin. Output of active filter
amplifier/buffer. Used as reference voltage for internal
functions of IC. Usually shorted to pin ATREF to generate
reference for active tracking supply circuitry. Connect a 1A
(1N4001-type) diode between V + and OUT and a
1A Schottky diode from V – to OUT for line transient
protection.
LIM+ (Pin 9): Output Amplifier Current Source Limit. Pin
implements IOUT • R = VBE current clamp. Internal clamp
resistor has a typical value of 3.5
Ω. For maximum current
drive capability (190mA typical) short pin LIM + to pin
OUT. Reduction of current source capability is achieved by
placing additional resistance from pin LIM + to pin OUT.
(i.e. An external 3.5
Ω resistance from pin LIM+ to pin OUT
will reduce the current sourcing capability of the output
amplifier by approximately 50%.)
V + (Pin 10): Local Positive Supply. Typically connected to
the source of the active tracking supply N-channel MOSFET.
This condition should be made using a ferrite bead.
Operating V + rail voltage is GATE + self-bias voltage less
the MOSFET VGS. Typical N-channel MOSFET characteris-
tics provide V + – ATREF ≈ 10V.
GATE + (Pin 11): Positive Power Supply FET Gate Drive.
Pin sinks current from pull-up resistor to bias gate of
active tracking supply N-channel MOSFET. Self-biases to
a typical value of 14V, referenced to pin ATREF. Pull-up
resistor value is determined such that sink current into
GATE + pin remains greater than 50
µA at maximum output
signal voltage and less than 10mA at minimum output
signal voltage.
AMPIN (Pin 12): Output Amplifier Input. Connected to
external filter components through series protection re-
sistor (usually 5k). Thevenin DC resistance of external
filter and protection components should be 10k for opti-
mum amplifier offset performance. See Applications In-
formation section.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com