Electronic Components Datasheet Search
  English  ▼

X  

LT1684 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1684
Description  Micropower Ring Tone Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1684 Datasheet(HTML) 4 Page - Linear Technology

  LT1684 Datasheet HTML 1Page - Linear Technology LT1684 Datasheet HTML 2Page - Linear Technology LT1684 Datasheet HTML 3Page - Linear Technology LT1684 Datasheet HTML 4Page - Linear Technology LT1684 Datasheet HTML 5Page - Linear Technology LT1684 Datasheet HTML 6Page - Linear Technology LT1684 Datasheet HTML 7Page - Linear Technology LT1684 Datasheet HTML 8Page - Linear Technology LT1684 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1684
DC Supply Current vs V+ – V–
DC Supply Current vs Temperature
VGATE – VATREF Voltage
Magnitudes vs IGATE
V+ – V– (V)
14
16
18
20
22
24
1684 G01
740
720
700
680
660
640
620
600
IN A – IN B
≥ 1.6V
IN A – IN B
≤ –1.6V
TJ = 25°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1684 G02
710
690
670
650
630
610
590
570
550
IN A – IN B
≥ 1.6V
IN A – IN B
≤ –1.6V
IGATE (mA)
0.1
0.3
1.0
3.0
10.0
1684 G03
14.3
14.2
14.1
14.0
13.9
13.8
TJ = 25°C
VGATE – VATREF Voltage
Magnitudes vs Temperature
PWM Input Thresholds vs
Temperature
VBGOUT Magnitude vs Temperature
TEMPERATURE (
°C)
1684 G04
14.5
14.4
14.3
14.2
14.1
14.0
13.9
13.8
13.7
13.6
13.5
– 50
–25
0
25
50
75
100
125
IGATE = 1mA
TEMPERATURE (
°C)
– 50
–25
0
25
50
75
100
125
1684 G05
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
TEMPERATURE (
°C)
– 50
–25
0
25
50
75
100
125
1684 G06
1.253
1.252
1.251
1.250
1.249
1.248
1.247
1.246
1.245
PWM Buffer (Pin BGOUT) Current
Limit vs Temperature
Output Amplifier Current Limit vs
Temperature (RLIM = 0Ω)
Output Amplifier Current Limit vs
External Limiting Resistor Values
TEMPERATURE (
°C)
– 50
–25
0
25
50
75
100
125
1684 G07
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
TEMPERATURE (
°C)
1684 G08
250
225
200
175
150
125
100
– 50
–25
0
25
50
75
100
125
RLIM (Ω)
0
2
1
4
6
8
3
5
7
910
1684 G09
200
150
100
50
0
TYPICAL (TJ = 25°C)
MINIMUM (TJ = 125°C)
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com