Electronic Components Datasheet Search
  English  ▼

X  

UPD754144GS Datasheet(PDF) 61 Page - NEC

Part # UPD754144GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754144GS Datasheet(HTML) 61 Page - NEC

Back Button UPD754144GS Datasheet HTML 57Page - NEC UPD754144GS Datasheet HTML 58Page - NEC UPD754144GS Datasheet HTML 59Page - NEC UPD754144GS Datasheet HTML 60Page - NEC UPD754144GS Datasheet HTML 61Page - NEC UPD754144GS Datasheet HTML 62Page - NEC UPD754144GS Datasheet HTML 63Page - NEC UPD754144GS Datasheet HTML 64Page - NEC UPD754144GS Datasheet HTML 65Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
61
µPD754144, 754244
•
µPD754244
DC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 6.0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply
IDD1
4.19-MHz
VDD = 5.0 V
± 10%Note 2
1.5
5.0
mA
current
Note 1
crystal
VDD = 3.0 V
± 10%Note 3
0.23
1.0
mA
IDD2
oscillation
HALT
VDD = 5.0 V
± 10%
0.64
3.0
mA
C1 = C2 = 22 pF mode
VDD = 3.0 V
± 10%
0.20
0.9
mA
IDD3
X1 = 0 V
VDD = 1.8 to 6.0 V
5
µA
STOP mode
TA = 25
°C1
µA
VDD = 3.0 V
± 10%
0.1
3
µA
TA = –40 to +40
°C
0.1
1
µA
Notes 1.
The current flowing through the on-chip pull-up resistor, the current during EEPROM writing time, and
the current during the program threshold port (PTH) operation are not included.
2.
When the device is operated in the high-speed mode by setting the processor clock control register
(PCC) to 0011H
3.
When the device is operated in the low-speed mode by setting PCC to 0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com