Electronic Components Datasheet Search
  English  ▼

X  

UPD754144GS Datasheet(PDF) 65 Page - NEC

Part # UPD754144GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754144GS Datasheet(HTML) 65 Page - NEC

Back Button UPD754144GS Datasheet HTML 61Page - NEC UPD754144GS Datasheet HTML 62Page - NEC UPD754144GS Datasheet HTML 63Page - NEC UPD754144GS Datasheet HTML 64Page - NEC UPD754144GS Datasheet HTML 65Page - NEC UPD754144GS Datasheet HTML 66Page - NEC UPD754144GS Datasheet HTML 67Page - NEC UPD754144GS Datasheet HTML 68Page - NEC UPD754144GS Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
65
µPD754144, 754244
•
µPD754244
Interrupt Input Timing
RESET Input Timing
Data Memory STOP Mode Low-Supply Voltage Data Retention Characteristics (TA = –40 to +85
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Release signal set time
tSREL
0
µs
Oscillation stabilization
tWAIT
Release by RESET
Note 2
ms
wait time Note 1
Release by interrupt request
Note 3
ms
Notes 1.
The oscillation stabilization wait time is the time during which the CPU operation is stopped to
avoid unstable operation at oscillation start.
2.
217/fx and 215/fx can be selected with mask option.
3.
Depends on setting of basic interval timer mode register (BTM) (see table below).
BTM3
BTM2
BTM1
BTM0
Wait Time
When fX = 4.19 MHz
When fX = 6.0 MHz
–00
0
220/fX (Approx. 250 ms)
220/fX (Approx. 175 ms)
–01
1
217/fX (Approx. 31.3 ms)
217/fX (Approx. 21.8 ms)
–10
1
215/fX (Approx. 7.81 ms)
215/fX (Approx. 5.46 ms)
–11
1
213/fX (Approx. 1.95 ms)
213/fX (Approx. 1.37 ms)
RESET
tRSL
INT0, KR4 to KR7
tINTL
tINTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com