Electronic Components Datasheet Search
  English  ▼

X  

LT1881 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1881
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881 Datasheet(HTML) 4 Page - Linear Technology

  LT1881 Datasheet HTML 1Page - Linear Technology LT1881 Datasheet HTML 2Page - Linear Technology LT1881 Datasheet HTML 3Page - Linear Technology LT1881 Datasheet HTML 4Page - Linear Technology LT1881 Datasheet HTML 5Page - Linear Technology LT1881 Datasheet HTML 6Page - Linear Technology LT1881 Datasheet HTML 7Page - Linear Technology LT1881 Datasheet HTML 8Page - Linear Technology LT1881 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1881/LT1882
4
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Single supply operation VEE = 0, VCC = 5V; VCM = VCC/2 unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (LT1881A)
25
50
µV
0
°C < TA < 70°C
q
85
µV
–40
°C < TA < 85°C
q
110
µV
Input Offset Voltage (LT1881/LT1882)
30
80
µV
0
°C < TA < 70°C
q
125
µV
–40
°C < TA < 85°C
q
150
µV
Input Offset Voltage Drift
0
°C < TA < 70°C
q
0.3
0.8
µV/°C
(Note 6)
– 40
°C < TA < 85°C
q
0.3
0.8
µV/°C
IOS
Input Offset Current (LT1881A)
150
200
pA
0
°C < TA < 70°C
q
250
pA
–40
°C < TA < 85°C
q
300
pA
Input Offset Current (LT1881/LT1882)
150
500
pA
0
°C < TA < 70°C
q
600
pA
–40
°C < TA < 85°C
q
700
pA
IB
Input Bias Current (LT1881A)
150
200
pA
0
°C < TA < 70°C
q
250
pA
–40
°C < TA < 85°C
q
300
pA
Input Bias Current (LT1881/LT1882)
150
500
pA
0
°C < TA < 70°C
q
600
pA
–40
°C < TA < 85°C
q
700
pA
Input Noise Voltage
0.1Hz to 10Hz
0.5
µVP-P
en
Input Noise Voltage Density
f = 1kHz
14
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.03
pA/
√Hz
VCM
Input Voltage Range
VEE + 1.0
VCC – 1.0
V
q
VEE + 1.2
VCC – 1.2
V
∆VOS
Offset Voltage Match (LT1881A)
(Note 7)
30
70
µV
0
°C < TA < 70°C
q
125
µV
–40
°C < TA < 85°C
q
160
µV
Offset Voltage Match (LT1881/LT1882)
(Note 7)
35
125
µV
0
°C < TA < 70°C
q
175
µV
–40
°C < TA < 85°C
q
235
µV
Offset Voltage Match Drift
(Notes 6, 7)
q
0.4
1.2
µV/°C
∆IB+
Noninverting Bias Current Match
(Notes 7, 8)
200
300
pA
(LT1881A)
0
°C < TA < 70°C
q
400
pA
–40
°C < TA < 85°C
q
500
pA
Noninverting Bias Current Match
(Notes 7, 8)
250
700
pA
(LT1881/LT1882)
0
°C < TA < 70°C
q
900
pA
–40
°C < TA < 85°C
q
1000
pA
∆CMRR
Common Mode Rejection Match
(Notes 7, 9)
q
102
125
dB
∆PSRR
Power Supply Rejection Match
VEE = 0V, VCM = 1.5V, 2.7V < VCC < 32V,
q
104
126
dB
(Notes 7, 9)
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Split supply operation VS = ±15V, VCM = 0V unless otherwise noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com