Electronic Components Datasheet Search
  English  ▼

X  

LT1881 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1881
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1881 Datasheet HTML 2Page - Linear Technology LT1881 Datasheet HTML 3Page - Linear Technology LT1881 Datasheet HTML 4Page - Linear Technology LT1881 Datasheet HTML 5Page - Linear Technology LT1881 Datasheet HTML 6Page - Linear Technology LT1881 Datasheet HTML 7Page - Linear Technology LT1881 Datasheet HTML 8Page - Linear Technology LT1881 Datasheet HTML 9Page - Linear Technology LT1881 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1881/LT1882
6
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs are protected by internal resistors and back-to-back
diodes. If the differential input voltage exceeds
±0.7V, the input current
should be limited externally to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT1881C, LT1882C, LT1881I and LT1882I are guaranteed
functional over the operating temperature range of – 40
°C to 85°C.
Note 5: The LT1881C and LT1882C are designed, characterized and
expected to meet specified performance from – 40
°C to 85°C but are not
tested or QA sampled at these temperatures. The LT1881I and LT1882I are
guaranteed to meet specified performance from – 40
°C to 85°C.
Note 6: This parameter is not 100% tested.
Note 7: Matching parameters are the difference between amplifiers
A and B in the LT1881; and between amplifiers A and D and B and C in the
LT1882.
Note 8: This parameter is the difference between the two noninverting
input bias currents.
Note 9:
∆CMRR and ∆PSRR are defined as follows: CMRR and PSRR are
measured in
µV/V on each amplifier. The difference is calculated in µV/V
and then converted to dB.
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current per Amplifier vs
Supply Voltage
Slew Rate vs Supply Voltage
Slew Rate vs Temperature
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Split supply operation VS = ±15V, VCM = 0V unless otherwise noted. (Note 5)
∆+PSRR
Positive Power Supply Rejection Match
VEE = – 15V, VCM = 0V,
q
108
130
dB
1.5V < VCC < 18V, (Notes 7, 9)
∆–PSRR
Negative Power Supply Rejection Match
VCC = 15V, VCM = 0V,
q
104
130
dB
– 1.5V < VEE < – 18V, (Notes 7, 9)
TOTAL SUPPLY VOLTAGE (V)
1881/2 G01
1200
1000
800
600
400
200
0
125
°C
25
°C
–55
°C
0
4
8
12
16
20
24
28
32
36
TOTAL SUPPLY VOLTAGE (V)
0
1881/2 G02
4
8
12
16
20
24
28
32
36
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
FALLING
RISING
AV = –1
TEMPERATURE (
°C)
–50
1881/2 G03
–25
0
25
50
75
100 125 150
0.5
0.4
0.3
0.2
0.1
0
FALLING
RISING
VS = ±15V
VS = ±5V
VS = ±15V
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com