Electronic Components Datasheet Search
  English  ▼

X  

LT1881 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1881
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1881 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1881 Datasheet HTML 3Page - Linear Technology LT1881 Datasheet HTML 4Page - Linear Technology LT1881 Datasheet HTML 5Page - Linear Technology LT1881 Datasheet HTML 6Page - Linear Technology LT1881 Datasheet HTML 7Page - Linear Technology LT1881 Datasheet HTML 8Page - Linear Technology LT1881 Datasheet HTML 9Page - Linear Technology LT1881 Datasheet HTML 10Page - Linear Technology LT1881 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1881/LT1882
7
Settling Time vs Output Step
Settling Time vs Output Step
Gain Bandwidth Product vs
Supply Voltage
SETTLING TIME (
µs)
0
1881/2 G04
5 10 15 20 25 30 35 40 45 50 55 60 65
10
8
6
4
2
0
–2
–4
–6
–8
–10
VS = ±15V
AV = –1
0.1%
0.01%
0.1%
0.01%
SETTLING TIME (
µs)
0
1881/2 G05
5 10 15 20 25 30 35 40 45 50 55 60 65
10
8
6
4
2
0
–2
–4
–6
–8
–10
VS = ±15V
AV = 1
0.1%
0.01%
0.1%
0.01%
TOTAL SUPPLY VOLTAGE (V)
0
1881/2 G06
4
8
12
16
20
24
28
32
36
900
850
800
750
700
650
600
–55
°C
125
°C
25
°C
TYPICAL PERFOR A CE CHARACTERISTICS
Phase Margin vs Supply Voltage
Gain vs Frequency, AV = –1
Gain vs Frequency, AV = 1
TOTAL SUPPLY VOLTAGE (V)
0
1881/2 G07
4
8
12
16
20
24
28
32
36
60
58
56
54
52
50
48
46
125
°C
–55
°C
125
°C
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
10
0
–10
–20
–30
–40
VS = ±15V
VS = ±2.5V
1881/2 G08
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
10
0
–10
–20
–30
–40
VS = ±15V
VS = ±2.5V
1881/2 G09
FREQUENCY (Hz)
1k
1881/2 G10
10k
100k
1M
10M
100M
10
0
–10
–20
–30
–40
0pF
1500pF
VS = ±15V
1000pF
500pF
Gain vs Frequency with CLOAD,
AV = 1
FREQUENCY (Hz)
1k
1881/2 G11
10k
100k
1M
10M
100M
10
0
–10
–20
–30
–40
1800pF
VS = ±15V
1000pF
500pF
0pF
Gain vs Frequency with CLOAD,
AV = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com