Electronic Components Datasheet Search
  English  ▼

X  

UPD75516 Datasheet(PDF) 49 Page - NEC

Part # UPD75516
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75516 Datasheet(HTML) 49 Page - NEC

Back Button UPD75516 Datasheet HTML 45Page - NEC UPD75516 Datasheet HTML 46Page - NEC UPD75516 Datasheet HTML 47Page - NEC UPD75516 Datasheet HTML 48Page - NEC UPD75516 Datasheet HTML 49Page - NEC UPD75516 Datasheet HTML 50Page - NEC UPD75516 Datasheet HTML 51Page - NEC UPD75516 Datasheet HTML 52Page - NEC UPD75516 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
49
µPD75516
600
1800
µA
DC CHARACTERISTICS (Ta = –40 to 85
°C, VDD = 2.7 to 6.0 V)
IDD3
IDD1
32.768 kHz
crystal
oscillation *5
VDD = 5 V
± 10% *3
VDD = 3 V
± 10% *4
VDD = 5 V
± 10%
VDD = 3 V
± 10%
VDD = 3 V
± 10%
VDD = 3 V
± 10%
Ta = 25
°C
IDD2
Operating
mode
HALT mode
HALT mode
Operating
mode
VDD = 5 V
± 10%
VDD = 3 V
± 10%
IDD4
IDD5
XT1 = 0 V
STOP mode
39
mA
0.55
1.5
mA
200
600
µA
40
120
µA
515
µA
0.5
20
µA
0.3
10
µA
5
µA
Supply current *1
*1.
Current flowing to the internal pull-up resistor excluded.
2.
Subsystem clock oscillation also included.
3.
When operated in the high speed mode with the processor clock control register (PCC) set to 0011.
4.
When operated in the low speed mode with PCC = 0000.
5.
When operated on the subsystem clock after the main system clock oscillation stop with the system clock
control register (SCC) set to 1001.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
4.19 MHz crystal
oscillation
C1 = C2 = 22 pF
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com