Electronic Components Datasheet Search
  English  ▼

X  

UPD75516 Datasheet(PDF) 19 Page - NEC

Part # UPD75516
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75516 Datasheet(HTML) 19 Page - NEC

Back Button UPD75516 Datasheet HTML 15Page - NEC UPD75516 Datasheet HTML 16Page - NEC UPD75516 Datasheet HTML 17Page - NEC UPD75516 Datasheet HTML 18Page - NEC UPD75516 Datasheet HTML 19Page - NEC UPD75516 Datasheet HTML 20Page - NEC UPD75516 Datasheet HTML 21Page - NEC UPD75516 Datasheet HTML 22Page - NEC UPD75516 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
19
µPD75516
6.2
CLOCK GENERATOR
The clock generator operation is determined by the processor clock control register (PCC) and the system clock
control register (SCC).
2 kinds of clocks such as a main system clock and a subsystem clock are available.
In addition, the instruction execution time can be changed.
• 0.95
µs, 1.91 µs, 15.3 µs (Main system clock: 4.19 MHz operation)
• 122
µs (Subsystem clock: 32.768 kHz operation)
Fig. 6–1 Clock Generator Block Diagram
*
Instruction execution
Remarks
1.
fX = Main system clock frequency
2.
fXT = Subsystem clock frequency
3.
Φ = CPU clock
4.
PCC: Processor clock control register
5.
SCC: System clock control register
6.
One clock cycle (tCY) of
Φ is 1 machine cycle of the instruction. With tCY, refer to "AC CHARACTER-
ISTICS" in 11. "Electrical Specifications".
5
XT1
XT2
X1
X2
f
XT
f
X
SCC
PCC
HALT*
STOP*
HALT F/F
STOP F/F
4
Q
S
R
S
R
1/
4
1/
1/
1/8~1/4096
2
16
SCC3
SCC0
PCC0
PCC1
PCC2
PCC3
Q
• Basic Interval Timer (BT)
• Timer/Event Counter
• Serial Interface
• Watch Timer
• Clock Output Circuit
• A/D Converter
Frequency Divider
Watch Timer
Timer/Pulse
Generator
Subsystem
Clock Oscillation
Circuit
Main System
Clock Oscillation
Circuit
Oscillation
Stop
Frequency Divider
Φ
Wait Release
Signal from BT
RESET Signal
Standby Release Signal from
Interrupt Control Circuit
PCC2 and PCC3
Clear
• INT0 Noise Eliminator
• CPU
• Clock Output
Circuit
• INT0 Noise
Eliminator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com