Electronic Components Datasheet Search
  English  ▼

X  

UPD75516 Datasheet(PDF) 2 Page - NEC

Part # UPD75516
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75516 Datasheet(HTML) 2 Page - NEC

  UPD75516 Datasheet HTML 1Page - NEC UPD75516 Datasheet HTML 2Page - NEC UPD75516 Datasheet HTML 3Page - NEC UPD75516 Datasheet HTML 4Page - NEC UPD75516 Datasheet HTML 5Page - NEC UPD75516 Datasheet HTML 6Page - NEC UPD75516 Datasheet HTML 7Page - NEC UPD75516 Datasheet HTML 8Page - NEC UPD75516 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
2
µPD75516
ORDERING INFORMATION
Ordering Code
Package
Quality Grade
µPD75516GF-×××-3B9
80-pin plastic QFP (14
× 20 mm)
Standard
Remarks
"
×××" means the specified ROM code.
Please refer to “Quality grade on NEC Semiconductor Devices” (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
Item
On-chip memory
General registers
Instruction cycle
A/D converter
Timer/counters
Serial Interface
Vectored interrupt
Test input
Instruction set
System clock oscillator
Operating voltage
Package
LIST OF
µPD75516 FUNCTIONS
Function
(4 bits
× 8 or 8 bits × 4) × 4 banks
• 0.95
µs/1.91 µs/15.3 µs (Main system clock: 4.19 MHz operation)
• 122
µs (Subsystem clock: 32.768 kHz operation)
8-bit resolution
× 8 channels (successive approximation type)
• Operating voltage: VDD = 3.5 to 6.0 V
•Timer/event counter
• Basic interval timer
• Timer/pulse generator (14-bit PWM output capability)
• Watch timer
• NEC standard serial bus interface (SBI)/3-wire SIO: 1 channel
• Normal clocked serial interface (3-wire SIO): 1 channel
External: 3, internal: 4
External: 1, internal: 1
• Bit data set/reset/test/Boolean operations
• 4-bit data transfer, operation, increment/ decrement, compare
• 8-bit data transfer, operation, increment/ decrement, compare
• Ceramic/crystal oscillator for main system clock oscillation: 4.19 MHz
• Crystal oscillator for subsystem clock oscillation: 32.768 kHz
VDD = 2.7 to 6.0 V
80-pin plastic QFP (14
× 20 mm)
ROM
16256
× 8 bits
RAM
512
× 4bits
N-ch open-drain
input/output
Input/
output
ports
Total
64
CMOS input
16 (dual function and analog input as INT, SIO, PPO, software pull-up capability: 7)
CMOS input/output
28 (LED drive: 4)
• Software pull-up capability : 16
• Mask option pull-down capability: 4
2 channels
4 channels
20 (LED drive: 8; 10 V withstand voltage, mask option pull-up capability: 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com