Electronic Components Datasheet Search
  English  ▼

X  

LTC2336-18 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2336-18
Description  True Bipolar, Fully Differential Input ADC with 100dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2336-18 Datasheet(HTML) 3 Page - Linear Technology

  LTC2336-18_15 Datasheet HTML 1Page - Linear Technology LTC2336-18_15 Datasheet HTML 2Page - Linear Technology LTC2336-18_15 Datasheet HTML 3Page - Linear Technology LTC2336-18_15 Datasheet HTML 4Page - Linear Technology LTC2336-18_15 Datasheet HTML 5Page - Linear Technology LTC2336-18_15 Datasheet HTML 6Page - Linear Technology LTC2336-18_15 Datasheet HTML 7Page - Linear Technology LTC2336-18_15 Datasheet HTML 8Page - Linear Technology LTC2336-18_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2336-18
3
233618f
For more information www.linear.com/LTC2336-18
elecTrical characTerisTics
converTer characTerisTics
DynaMic accuracy
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Notes 4, 8)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (IN+)
(Note 5)
l
–2.5 • VREFBUF – 0.25
2.5 • VREFBUF + 0.25
V
VIN–
Absolute Input Range (IN–)
(Note 5)
l
–2.5 • VREFBUF – 0.25
2.5 • VREFBUF + 0.25
V
VIN+ – VIN–
Input Differential Voltage Range
VIN = VIN+ – VIN–
l
–5 • VREFBUF
5 • VREFBUF
V
VCM
Common Mode Input Range
(Note 11)
l
–0.5
0
0.5
V
IIN
Analog Input Current
l
–7.8
4.8
mA
CIN
Analog Input Capacitance
5
pF
RIN
Analog Input Resistance
2.083
kΩ
CMRR
Input Common Mode Rejection Ratio
fIN = 125kHz
67
dB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
18
Bits
No Missing Codes
l
18
Bits
Transition Noise
0.8
LSBRMS
INL
Integral Linearity Error
(Note 6)
l
–4
±1
4
LSB
DNL
Differential Linearity Error
l
–1
±0.1
1
LSB
BZE
Bipolar Zero-Scale Error
(Note 7)
l
–15
0
15
LSB
Bipolar Zero-Scale Error Drift
0.01
LSB/°C
FSE
Bipolar Full-Scale Error
VREFBUF = 4.096V (REFBUF Overdriven)
(Notes 7, 9)
l
–100
100
LSB
REFIN = 2.048V (Note 7)
l
–150
150
LSB
Bipolar Full-Scale Error Drift
±0.5
ppm/°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
±6.25V Range, fIN = 2kHz, REFIN = 1.25V
l
93
97
dB
±10.24V Range, fIN = 2kHz, REFIN = 2.048V
l
95
100
dB
±12.5V Range, fIN = 2kHz, REFBUF = 5V
l
96
101
dB
SNR
Signal-to-Noise Ratio
±6.25V Range, fIN = 2kHz, REFIN = 1.25V
l
93.5
97
dB
±10.24V Range, fIN = 2kHz, REFIN = 2.048V
l
96
100
dB
±12.5V Range, fIN = 2kHz, REFBUF = 5V
l
98
102
dB
THD
Total Harmonic Distortion
±6.25V Range, fIN = 2kHz, REFIN = 1.25V
l
–111
–102
dB
±10.24V Range, fIN = 2kHz, REFIN = 2.048V
l
–115
–102
dB
±12.5V Range, fIN = 2kHz, REFBUF = 5V
l
–112
–100
dB
SFDR
Spurious Free Dynamic Range
±6.25V Range, fIN = 2kHz, REFIN = 1.25V
l
102
113
dB
±10.24V Range, fIN = 2kHz, REFIN = 2.048V
l
102
117
dB
±12.5V Range, fIN = 2kHz, REFBUF = 5V
l
100
114
dB
–3dB Input Linear Bandwidth
7
MHz
Aperture Delay
500
ps
Aperture Jitter
4
ps
Transient Response
Full-Scale Step
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com