Electronic Components Datasheet Search
  English  ▼

X  

LTC2336-18 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2336-18
Description  True Bipolar, Fully Differential Input ADC with 100dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2336-18 Datasheet(HTML) 4 Page - Linear Technology

  LTC2336-18_15 Datasheet HTML 1Page - Linear Technology LTC2336-18_15 Datasheet HTML 2Page - Linear Technology LTC2336-18_15 Datasheet HTML 3Page - Linear Technology LTC2336-18_15 Datasheet HTML 4Page - Linear Technology LTC2336-18_15 Datasheet HTML 5Page - Linear Technology LTC2336-18_15 Datasheet HTML 6Page - Linear Technology LTC2336-18_15 Datasheet HTML 7Page - Linear Technology LTC2336-18_15 Datasheet HTML 8Page - Linear Technology LTC2336-18_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2336-18
4
233618f
For more information www.linear.com/LTC2336-18
inTernal reFerence characTerisTics
reFerence buFFer characTerisTics
DigiTal inpuTs anD DigiTal ouTpuTs
power requireMenTs
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFIN
Internal Reference Output Voltage
2.043
2.048
2.053
V
VREFIN Temperature Coefficient
(Note 14)
l
2
20
ppm/°C
REFIN Output Impedance
15
kΩ
VREFIN Line Regulation
VDD = 4.75V to 5.25V
0.08
mV/V
REFIN Input Voltage Range
(REFIN Overdriven) (Note 5)
1.25
2.4
V
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREFBUF
Reference Buffer Output Voltage VREFIN = 2.048V
l
4.091
4.096
4.101
V
REFBUF Input Voltage Range
(REFBUF Overdriven) (Notes 5, 9)
l
2.5
5
V
REFBUF Output Impedance
VREFIN = 0V
13
kΩ
IREFBUF
REFBUF Load Current
VREFBUF = 5V (REFBUF Overdriven) (Notes 9, 10)
VREFBUF = 5V, Nap Mode (REFBUF Overdriven) (Note 9)
l
0.56
0.39
0.6
mA
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l
0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
5
pF
VOH
High Level Output Voltage
IO = –500µA
l
OVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 500µA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
µA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
4.75
5
5.25
V
OVDD
Supply Voltage
l
1.71
5.25
V
IVDD
IOVDD
INAP
ISLEEP
Supply Current
Supply Current
Nap Mode Current
Sleep Mode Current
250ksps Sample Rate (IN+ = IN– = 0V)
250ksps Sample Rate (CL = 20pF)
Conversion Done (IVDD + IOVDD)
Sleep Mode (IVDD + IOVDD)
l
l
l
5.5
0.05
3.9
60
6.5
4.6
225
mA
mA
mA
μA
PD
Power Dissipation
Nap Mode
Sleep Mode
250ksps Sample Rate (IN+ = IN– = 0V)
Conversion Done (IVDD + IOVDD)
Sleep Mode (IVDD + IOVDD)
l
l
l
27.5
19.5
0.3
32.5
23
1.1
mW
mW
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com