Electronic Components Datasheet Search
  English  ▼

X  

LTC2336-18 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2336-18
Description  True Bipolar, Fully Differential Input ADC with 100dB SNR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2336-18 Datasheet(HTML) 5 Page - Linear Technology

  LTC2336-18_15 Datasheet HTML 1Page - Linear Technology LTC2336-18_15 Datasheet HTML 2Page - Linear Technology LTC2336-18_15 Datasheet HTML 3Page - Linear Technology LTC2336-18_15 Datasheet HTML 4Page - Linear Technology LTC2336-18_15 Datasheet HTML 5Page - Linear Technology LTC2336-18_15 Datasheet HTML 6Page - Linear Technology LTC2336-18_15 Datasheet HTML 7Page - Linear Technology LTC2336-18_15 Datasheet HTML 8Page - Linear Technology LTC2336-18_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2336-18
5
233618f
For more information www.linear.com/LTC2336-18
aDc TiMing characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground.
Note 3: When these pin voltages are taken below ground or above VDD or
OVDD, they will be clamped by internal diodes. This product can handle
input currents up to 100mA below ground or above VDD or OVDD without
latch-up.
Note 4: VDD = 5V, OVDD = 2.5V, ±10.24V Range, REFIN = 2.048V,
fSMPL = 250kHz.
Note 5: Recommended operating conditions.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar zero error is the offset voltage measured from –0.5LSB
when the output code flickers between 00 0000 0000 0000 0000 and 11
1111 1111 1111 1111. Full-scale bipolar error is the worst-case of –FS
or +FS untrimmed deviation from ideal first and last code transitions and
includes the effect of offset error.
Note 8: All specifications in dB are referred to a full-scale ±20.48V input
with REFIN = 2.048V.
Note 9: When REFBUF is overdriven, the internal reference buffer must be
turned off by setting REFIN = 0V.
Note 10: fSMPL = 250kHz, IREFBUF varies proportionally with sample rate.
Note 11: Guaranteed by design, not subject to test.
Note 12: Parameter tested and guaranteed at OVDD = 1.71V, OVDD = 2.5V
and OVDD = 5.25V.
Note 13: tSCK of 10ns maximum allows a shift clock frequency up to
100MHz for rising edge capture.
Note 14: Temperature coefficient is calculated by dividing the maximum
change in output voltage by the specified temperature range.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Maximum Sampling Frequency
l
250
ksps
tCONV
Conversion Time
l
1.9
3
µs
tACQ
Acquisition Time
tACQ = tCYC – tHOLD (Note 11)
l
3.460
µs
tHOLD
Maximum Time between Acquisitions
l
540
ns
tCYC
Time Between Conversions
l
4
µs
tCNVH
CNV High Time
l
20
ns
tBUSYLH
CNV
↑ to BUSY Delay
CL = 20pF
l
13
ns
tCNVL
Minimum Low Time for CNV
(Note 12)
l
20
ns
tQUIET
SCK Quiet Time from CNV
↑
(Note 11)
l
20
ns
tSCK
SCK Period
(Notes 12, 13)
l
10
ns
tSCKH
SCK High Time
l
4
ns
tSCKL
SCK Low Time
l
4
ns
tSSDISCK
SDI Setup Time From SCK
↑
(Note 12)
l
4
ns
tHSDISCK
SDI Hold Time From SCK
↑
(Note 12)
l
1
ns
tSCKCH
SCK Period in Chain Mode
tSCKCH = tSSDISCK + tDSDO (Note 12)
l
13.5
ns
tDSDO
SDO Data Valid Delay from SCK
↑
CL = 20pF, OVDD = 5.25V
CL = 20pF, OVDD = 2.5V
CL = 20pF, OVDD = 1.71V
l
l
l
7.5
8
9.5
ns
ns
ns
tHSDO
SDO Data Remains Valid Delay from SCK
↑
CL = 20pF (Note 11)
l
1
ns
tDSDOBUSYL
SDO Data Valid Delay from BUSY
↓
CL = 20pF (Note 11)
l
5
ns
tEN
Bus Enable Time After RDL
↓
(Note 12)
l
16
ns
tDIS
Bus Relinquish Time After RDL
↑
(Note 12)
l
13
ns
tWAKE
REFBUF Wakeup Time
CREFBUF = 47μF, CREFIN = 100nF
200
ms
Figure 1. Voltage Levels for Timing Specifications
0.8 • OVDD
0.2 • OVDD
50%
50%
233618 F01
0.2 • OVDD
0.8 • OVDD
0.2 • OVDD
0.8 • OVDD
tDELAY
tWIDTH
tDELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com