Electronic Components Datasheet Search
  English  ▼

X  

LTC1148HVCN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1148HVCN
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148HVCN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1148HVCN Datasheet HTML 8Page - Linear Technology LTC1148HVCN Datasheet HTML 9Page - Linear Technology LTC1148HVCN Datasheet HTML 10Page - Linear Technology LTC1148HVCN Datasheet HTML 11Page - Linear Technology LTC1148HVCN Datasheet HTML 12Page - Linear Technology LTC1148HVCN Datasheet HTML 13Page - Linear Technology LTC1148HVCN Datasheet HTML 14Page - Linear Technology LTC1148HVCN Datasheet HTML 15Page - Linear Technology LTC1148HVCN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LTC1148
LTC1148-3.3/LTC1148-5
APPLICATIO S I FOR ATIO
LTC1148 DC supply current is 160
µA for no load, and
increases proportionally with load up to a constant
1.6mA after the LTC1148 series has entered continu-
ous mode. Because the DC bias current is drawn from
VIN, the resulting loss increases with input voltage. For
VIN = 10V the DC bias losses are generally less than 1%
for load currents over 30mA. However, at very low load
currents the DC bias current accounts for nearly all of
the loss.
2. MOSFET gate charge current results from switching the
gate capacitance of the power MOSFETs. Each time a
MOSFET gate is switched from low to high to low again,
a packet of charge dQ moves from VIN to ground. The
resulting dQ/dt is a current out of VIN which is typically
much larger than the DC supply current. In continuous
mode, IGATECHG = f (QN + QP). The typical gate charge
for a 0.1
Ω N-channel power MOSFET is 25nC, and for
a P-channel about twice that value. This results in
IGATECHG = 7.5mA in 100kHz continuous operation, for
a 2% to 3% typical mid-current loss with VIN = 10V.
Note that the gate charge loss increases directly with
both input voltage and operating frequency. This is the
principal reason why the highest efficiency circuits
operate at moderate frequencies. Furthermore, it ar-
gues against using larger MOSFETs than necessary to
control I
2R losses, since overkill can cost efficiency as
well as money!
3. I
2R losses are easily predicted from the DC resistances
of the MOSFET, inductor, and current shunt. In continu-
ous mode the average output current flows through L
and RSENSE, but is “chopped” between the P-channel
and N-channel MOSFETs. If the two MOSFETs have
approximately the same RDS(ON), then the resistance of
one MOSFET can simply be summed with the resis-
tances of L and RSENSE to obtain I2R losses. For
example, if each RDS(ON) = 0.1Ω, RL = 0.15Ω, and
RSENSE = 0.05Ω, then the total resistance is 0.3Ω. This
results in losses ranging from 3% to 12% as the output
current increases from 0.5A to 2A. I2R losses cause the
efficiency to roll-off at high output currents.
Figure 5 shows how the efficiency losses in a typical
LTC1148 series regulator end up being apportioned.
Figure 5. Efficiency Loss
OUTPUT CURRENT (A)
0.01
90
95
1
LTC1148 • F05
85
80
0.03
0.1
0.3
3
100
GATE CHARGE
LTC1148 IQ
I2R
The gate charge loss is responsible for the majority of
the efficiency lost in the mid-current region. If Burst
Mode operation was not employed at low currents, the
gate charge loss alone would cause efficiency to drop to
unacceptable levels. With Burst Mode operation, the
DC supply current represents the lone (and unavoid-
able) loss component which continues to become a
higher percentage as output current is reduced. As
expected, the I2R losses dominate at high load currents.
Other losses including CIN and COUT ESR dissipative
losses, MOSFET switching losses, Schottky conduction
losses during dead time, and inductor core losses, gener-
ally account for less than 2% total additional loss.
Design Example
As a design example, assume VIN = 12V (nominal),
VOUT = 5V, IMAX = 2A, and f = 200kHz; RSENSE, CT and L
can immediately be calculated:
RSENSE = 100mV/2 = 0.05Ω
tOFF = (1/200kHz)[1 – (5/12)] = 2.92µs
CT = 2.92µs/[(1.3)(10
4)] = 220pF
LMIN = 5.1(10
5)0.05
Ω(220pF)5V = 28µH
Assume that the MOSFET dissipations are to be limited to
PN = PP = 250mW.
If TA = 50°C and the thermal resistance of each MOSFET
is 50
°C/W, then the junction temperatures will be 63°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com