Electronic Components Datasheet Search
  English  ▼

X  

LTC1148HVCN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1148HVCN
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148HVCN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1148HVCN Datasheet HTML 12Page - Linear Technology LTC1148HVCN Datasheet HTML 13Page - Linear Technology LTC1148HVCN Datasheet HTML 14Page - Linear Technology LTC1148HVCN Datasheet HTML 15Page - Linear Technology LTC1148HVCN Datasheet HTML 16Page - Linear Technology LTC1148HVCN Datasheet HTML 17Page - Linear Technology LTC1148HVCN Datasheet HTML 18Page - Linear Technology LTC1148HVCN Datasheet HTML 19Page - Linear Technology LTC1148HVCN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LTC1148
LTC1148-3.3/LTC1148-5
TYPICAL APPLICATIO S
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S14 0695
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
14
13
0.337 – 0.344*
(8.560 – 8.738)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
5
6
7
8
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
1
2
3
4
5
6
7
14
13
12
11
10
9
8
P-DRIVE
NC
VIN
CT
INTVCC
ITH
SENSE–
N-DRIVE
NC
PGND
SGND
SHUTDOWN
VFB
SENSE+
LTC1148
1
µF
1000pF
RSENSE**
0.05
Ω
SHUTDOWN
*L
50
µH
NDS9410A
D1
MBRS140T3
+
VIN
5.2V TO 14V
COUT
220
µF
10V
×2
OS-CON
VOUT
3.3V/2A
OR 5V/2A
CC
3300pF
RC
1k
CT
390pF
*COILTRONICS CTX50-2-MP
**KRL SL-1-C1-0R050R
LTC1148 • F17
10nF
NDS9435A
CIN
100
µF
20V
100pF
R1B
43k
1%
R2
56k
1%
R1A
33k
1%
VN2222LL
0V: VOUT = 3.3V
5V: VOUT = 5V
Figure 17. Logic Selectable 5V/1A or 3.3V/1A High Efficiency Regulator
N14 1197
0.255
± 0.015*
(6.477
± 0.381)
0.770*
(19.558)
MAX
3
1
2
4
5
6
7
8
9
10
11
12
13
14
0.020
(0.508)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.045 – 0.065
(1.143 – 1.651)
0.065
(1.651)
TYP
0.018
± 0.003
(0.457
± 0.076)
0.100
± 0.010
(2.540
± 0.254)
0.005
(0.125)
MIN
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
S Package
14-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
N Package
14-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com