Electronic Components Datasheet Search
  English  ▼

X  

LTC1148HVCN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1148HVCN
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1148HVCN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1148HVCN Datasheet HTML 12Page - Linear Technology LTC1148HVCN Datasheet HTML 13Page - Linear Technology LTC1148HVCN Datasheet HTML 14Page - Linear Technology LTC1148HVCN Datasheet HTML 15Page - Linear Technology LTC1148HVCN Datasheet HTML 16Page - Linear Technology LTC1148HVCN Datasheet HTML 17Page - Linear Technology LTC1148HVCN Datasheet HTML 18Page - Linear Technology LTC1148HVCN Datasheet HTML 19Page - Linear Technology LTC1148HVCN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1148
LTC1148-3.3/LTC1148-5
© LINEAR TECHNOLOGY CORPORATION 1993
114835fc LT/GP 1098 2K REV C • PRINTED IN USA
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
1
2
3
4
5
6
7
14
13
12
11
10
9
8
P-DRIVE
NC
VIN
CT
INTVCC
ITH
SENSE–
N-DRIVE
NC
PGND
SGND
SHUTDOWN
NC
SENSE+
LTC1148HV-5
1
µF
1000pF
RSENSE**
0.01
Ω
SHUTDOWN
*L
33
µH
N-CH
IRFZ44
D1
1N5818
VN2222LL
+
CIN
2700
µF
35V
×2
VIN
10V TO 18V
COUT
2200
µF
16V
×3
VOUT
5V/8A
CC
3300pF
RC
510
Ω
CT
820pF
LTC1148 • F18
MUR110
N-CH
IRFZ44
470nF
220
Ω
220
Ω
20k
1N4148
22k
100
Ω
100
Ω
*COILTRONICS CTX33-10-KM
**DALE LVR-3-0.01
2N3906
2N2222
Figure 18. All N-Channel 5V/8A High Efficiency Regulator
(Burst Mode Operation Suppressed)
Figure 19. All N-Channel 5V/8A Efficiency
LOAD CURRENT (A)
0.1
60
70
80
100
110
LTC1148 • F19
90
VIN = 10V
VIN = 14V
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1142
Dual High Efficiency Synchronous Step-Down Switching Regulator
Dual LTC1148
LTC1143
Dual High Efficiency Step-Down Switching Regulator Controller
Nonsynchronous Dual Output
LTC1147
High Efficiency Step-Down Switching Regulator Controller
Nonsynchronous Equivalent to LTC1148, 8-Pin
LTC1149
High Efficiency Synchronous Step-Down Switching Regulator
VIN < 48V, Standard Threshold MOSFETs
LTC1159
High Efficiency Synchronous Step-Down Switching Regulator
VIN < 40V, Logic Level MOSFETs
LTC1174
High Efficiency Step-Down and Inverting DC/DC Converter
Nonsynchronous 8-Pin Internal Switch
LTC1265
1.2A, High Efficiency Step-Down DC/DC Converter
Nonsynchronous Internal Switch
LTC1435A
High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Synchronous N-Channel, Constant Frequency
LTC1538-AUX
Dual High Efficiency, Low Noise, Synchronous Step-Down
Auxiliary Linear Regulator, 5V Standby in Shutdown
Switching Regulator
For additional high efficiency application
circuits, see Application Notes 54, 58 and 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com