Electronic Components Datasheet Search
  English  ▼

X  

LTC1261CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1261CS
Description  Switched Capacitor Regulated Voltage Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1261CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1261CS Datasheet HTML 7Page - Linear Technology LTC1261CS Datasheet HTML 8Page - Linear Technology LTC1261CS Datasheet HTML 9Page - Linear Technology LTC1261CS Datasheet HTML 10Page - Linear Technology LTC1261CS Datasheet HTML 11Page - Linear Technology LTC1261CS Datasheet HTML 12Page - Linear Technology LTC1261CS Datasheet HTML 13Page - Linear Technology LTC1261CS Datasheet HTML 14Page - Linear Technology LTC1261CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1261
able. The output voltage can be trimmed, if desired, by
connecting external resistance from the COMP pin to OUT
or ground to alter the divider ratio. As in the adjustable
parts, the absolute value of the internal resistors may vary
significantly from unit to unit. As a result, the further the
trim shifts the output voltage the less accurate the output
voltage will be. If a precise output voltage other than one
of the available fixed voltages is required, it is better to use
an adjustable LTC1261 and use precision external resis-
tors. The internal reference is trimmed at the factory to
within 3.5% of 1.24V; with 1% external resistors the
output will be within 5.5% of the nominal value, even
under worst case conditions.
The LTC1261 can be internally configured with nonstand-
ard fixed output voltages. Contact the Linear Technology
Marketing Department for details.
Table 2. Output Voltages Using the Internal Resistor Divider
PIN CONNECTIONS
OUTPUT VOLTAGE
ADJ to RADJ
–5V
ADJ to RADJ, R0 to GND
– 4.5V
ADJ to RADJ, R1 to R0
– 4V
ADJ to RADJ, R1 to GND
– 3.5V
ADJ to R1
– 1.77V
ADJ to R0
– 1.38V
ADJ to GND
– 1.24V
There are some oddball output voltages available by
connecting ADJ to R0 or R1 and shorting out some of the
internal resistors. If one of these combinations gives you
the output voltage you want, by all means use it!
The internal resistor values are the same for the fixed
output versions of the LTC1261 as they are for the adjust-
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS N
3.3V Input, – 4.5V Output GaAs FET Bias Generator
2
3
4
5
8
13
12
11
10
9
SHDN
REG
OUT
ADJ
RADJ
C1+
C1–
C2+
C2–
R1
0.1
µF
100pF
1
µF
NC
LTC1261 • TA03
3.3
µF
–4.5V BIAS
10k
76
14
0.1
µF
SHUTDOWN
3.3V
VBAT
LTC1261
VCC
R0
GND
GaAs
TRANSMITTER
P-CHANNEL
POWER SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com