Electronic Components Datasheet Search
  English  ▼

X  

LTC1261CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1261CS
Description  Switched Capacitor Regulated Voltage Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1261CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1261CS Datasheet HTML 8Page - Linear Technology LTC1261CS Datasheet HTML 9Page - Linear Technology LTC1261CS Datasheet HTML 10Page - Linear Technology LTC1261CS Datasheet HTML 11Page - Linear Technology LTC1261CS Datasheet HTML 12Page - Linear Technology LTC1261CS Datasheet HTML 13Page - Linear Technology LTC1261CS Datasheet HTML 14Page - Linear Technology LTC1261CS Datasheet HTML 15Page - Linear Technology LTC1261CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1261
TYPICAL APPLICATIONS N
5V Input, – 4V Output GaAs FET Bias Generator
1
2
3
4
8
7
6
5
SHDN
REG
OUT
COMP
VCC
C1+
C2–
GND
100pF
LTC1261 • TA04
3.3
µF
– 4V BIAS
10k
P-CHANNEL
POWER SWITCH
0.1
µF
SHUTDOWN
5V
VBAT
LTC1261-4
GaAs
TRANSMITTER
1
µF
7 Cells to – 1.24V Output GaAs FET Bias Generator
1
2
3
4
8
7
6
5
SHDN
REG
OUT
ADJ
VCC
C1+
C2–
GND
LTC1261 • TA05
3.3
µF
–1.24V BIAS
10k
P-CHANNEL
POWER SWITCH
0.1
µF
SHUTDOWN
VBAT = 8.4V
(7 NiCd CELLS)
LTC1261
GaAs
TRANSMITTER
1
µF
1
2
3
4
8
7
6
5
SHDN
REG
OUT
COMP
VCC
C1+
C2–
GND
100pF
LTC1261 • TA06
10
µF
– 4V BIAS
100
µH
10k
P-CHANNEL
POWER SWITCH
0.1
µF
SHUTDOWN
5V
VBAT
10
µF
LTC1261-4
GaAs
TRANSMITTER
1
µF
1mV Ripple, 5V Input, – 4V Output GaAs FET Bias Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com