Electronic Components Datasheet Search
  English  ▼

X  

LTC1261CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1261CS
Description  Switched Capacitor Regulated Voltage Inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1261CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1261CS Datasheet HTML 8Page - Linear Technology LTC1261CS Datasheet HTML 9Page - Linear Technology LTC1261CS Datasheet HTML 10Page - Linear Technology LTC1261CS Datasheet HTML 11Page - Linear Technology LTC1261CS Datasheet HTML 12Page - Linear Technology LTC1261CS Datasheet HTML 13Page - Linear Technology LTC1261CS Datasheet HTML 14Page - Linear Technology LTC1261CS Datasheet HTML 15Page - Linear Technology LTC1261CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1261
TYPICAL APPLICATIONS N
This circuit uses the LTC1261CS8 to generate a – 1.24V
output at 20mA. Attached to this output is a 312
Ω resistor
to make the current/voltage conversion. 4mA through
312
Ω generates 1.24V, giving a net 0V output. 20mA
through 312
Ωgives 6.24V across the resistor, giving a net
5V output. If the 4mA to 20mA source requires an operat-
ing voltage greater than 8V, it should be powered from a
separate supply; the LTC1261 can then be powered from
any convenient supply, 3V
≤ VS ≤ 8V. The Schottky diode
prevents the external voltage from damaging the LTC1261
in shutdown or under fault conditions. The LTC1261’s
reference is trimmed to 3.5% and the resistor adds 1%
uncertainty, giving 4.5% total output error.
– 1.24V Generator for 4mA-20mA to 0V-5V Conversion
6
5
2
3
LTC1261
OUT
ADJ
C1+
C1–
LTC1261 • TA11
1
8V
3.3
µF
312
Ω
1%
0.1
µF
1N5817
4mA
TO 20mA
SENSOR
OPTIONAL
INPUT
PROTECTION
DIODES
–1.24V
4
1
µF
0V TO 5V
±5%
VCC
GND
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com