Electronic Components Datasheet Search
  English  ▼

X  

LTC1197CS8 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1197CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1197CS8 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1197CS8 Datasheet HTML 20Page - Linear Technology LTC1197CS8 Datasheet HTML 21Page - Linear Technology LTC1197CS8 Datasheet HTML 22Page - Linear Technology LTC1197CS8 Datasheet HTML 23Page - Linear Technology LTC1197CS8 Datasheet HTML 24Page - Linear Technology LTC1197CS8 Datasheet HTML 25Page - Linear Technology LTC1197CS8 Datasheet HTML 26Page - Linear Technology LTC1197CS8 Datasheet HTML 27Page - Linear Technology LTC1197CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC1197/LTC1197L
LTC1199/LTC1199L
S
APPLICATI
TYPICAL
C4
1000pF
C6
1000pF
C5
1000pF
R8
4.7k
R11
100k
R12
100k
R6
4.7k
R3
10
Ω
R7
100k
R1
100
Ω
LTC1199
R2
100
Ω
R7
100k
R9
100k
Q1
2N2907
Q3
2N2222A
Q2
2N2907
R10
4.7k
74HC14
R6
4.7k
5V
Y+
X–
Y–
X+
TOUCH SENSE
CHIP SELECT
SERIAL CLK
DATA IN
DATA OUT
Q4
2N2222A
C7
1000pF
C2
1
µF
C1
1
µF
1197/99 F13
C3
10
µF
1
2
3
4
8
7
6
5
VCC
CLK
DOUT
DIN
CS
CH0
CH1
GND
+
Figure 13. The LTC1199 Digitizes Resistive Touchscreen X and Y Axis Voltages. The ADC’s Auto Shutdown Feature
Helps Maximize Battery Life in Portable Touchscreen Equipment
Resistive Touchscreen Interface
Figure 13 shows the LTC1199 in a 4-wire resistive touch-
screen application. Transistor pairs Q1-Q3, Q2-Q4 apply
5V and ground to the X axis and Y axis, respectively. The
LTC1199, with its 2-channel multiplexer, digitizes the
voltage generated by each axis and transmits the conver-
sion results to the system’s processor through a serial
interface. RC combinations R1C1, R2C2 and R3C3 form
lowpass filters that attenuate noise from possible sources
such as the processor clock, switching power supplies
and bus signals. The 74HC14 inverter is used to detect
screen contact both during a conversion sequence and to
trigger its start. Using the single channel LTC1197, 5-wire
resistive touchscreens are as easily accommodated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com