Electronic Components Datasheet Search
  English  ▼

X  

LTC1197CS8 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1197CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1197CS8 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1197CS8 Datasheet HTML 20Page - Linear Technology LTC1197CS8 Datasheet HTML 21Page - Linear Technology LTC1197CS8 Datasheet HTML 22Page - Linear Technology LTC1197CS8 Datasheet HTML 23Page - Linear Technology LTC1197CS8 Datasheet HTML 24Page - Linear Technology LTC1197CS8 Datasheet HTML 25Page - Linear Technology LTC1197CS8 Datasheet HTML 26Page - Linear Technology LTC1197CS8 Datasheet HTML 27Page - Linear Technology LTC1197CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC1197/LTC1197L
LTC1199/LTC1199L
Battery Current Monitor
The LTC1197L/LTC1199L are ideal for 3V systems. Fig-
ure 14 shows a 2.7V to 4V battery current monitor that
draws only 45
µA at 3V from the battery it monitors,
sampling at a 1Hz rate. To minimize supply current, the
microprocessor uses the LTC1152 SHDN pin to turn on
the op amp prior to making a measurement and then turn
it off after the measurement has been made. The battery
current is sensed with the 0.005
Ω resistor and amplified
S
APPLICATI
TYPICAL
by the LTC1152. The LTC1197L digitizes the amplifier
output and sends it to the microprocessor in serial
format. After each sample the LTC1197L automatically
powers down. The LT1004 provides the full-scale refer-
ence for the ADC. The circuit’s 45
µA supply current is
dominated by the reference and the op amp. The circuit
can be located near the battery and data transmitted
serially to the microprocessor.
LTC1152
SHDN
240k
56k
TO
µP
100
Ω
2k
0.005
Ω
2A FULL
SCALE
500pF
2.7V
TO 4V
1
µF
1
µF
0.1
µF
LT1004-1.2
1
2
3
4
8
7
6
5
CS
+IN
– IN
GND
VCC
CLK
DOUT
VREF
LTC1197L
L
O
A
D
+
Figure 14. This 0A to 2A Battery Current Monitor Draws Only 45
µA from a 3V Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com