Electronic Components Datasheet Search
  English  ▼

X  

LTC1199CS8 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1199CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1199CS8 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1199CS8 Datasheet HTML 13Page - Linear Technology LTC1199CS8 Datasheet HTML 14Page - Linear Technology LTC1199CS8 Datasheet HTML 15Page - Linear Technology LTC1199CS8 Datasheet HTML 16Page - Linear Technology LTC1199CS8 Datasheet HTML 17Page - Linear Technology LTC1199CS8 Datasheet HTML 18Page - Linear Technology LTC1199CS8 Datasheet HTML 19Page - Linear Technology LTC1199CS8 Datasheet HTML 20Page - Linear Technology LTC1199CS8 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1197/LTC1197L
LTC1199/LTC1199L
S
APPLICATI
I FOR ATIO
CLK
DIN
DOUT
“+” INPUT
“–” INPUT
SAMPLE
HOLD
“+” INPUT MUST
SETTLE DURING
THIS TIME
tSMPL
tCONV
CS
SGL/DIFF
START
DUMMY
ODD/SGN
DON‘T CARE
1ST BIT TEST “–” INPUT MUST
SETTLE DURING THIS TIME
1197/99 F05
Figure 5. LTC1199/LTC1199L “+” and “–” Input Settling Windows
ANALOG INPUTS
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1197/
LTC1197L/LTC1199/LTC1199L have capacitive switching
input current spikes. These current spikes settle quickly
and do not cause a problem if source resistances are less
than 200
Ω or high speed op amps are used (e.g., the
LT
®1224, LT1191, LT1226 or LT1215). However, if large
source resistances are used or if slow settling op amps
drive the inputs, take care to ensure that the transients
caused by the current spikes settle completely before the
conversion begins.
“+” Input Settling
The input capacitor of the LTC1197/LTC1197L is switched
onto the “+” input in the falling edge of CS and the sample
time continues until the second falling CLK edge (see
Figure 1). However, the input capacitor of the LTC1199/
LTC1199L is switched onto “+” input after ODD/SGN is
clocked into the ADC and remains there until the fourth
falling CLK edge (see Figure 5). The sample time is 1.5 CLK
cycles before conversion starts. The voltage on the “+”
RON = 200Ω
CIN = 20pF
LTC1197/LTC1197L
LTC1199/LTC1199L
“+”
INPUT
RSOURCE
+
VIN
+
C1
“–”
INPUT
RSOURCE
–
VIN
–
C2
1197/99 F06
Figure 6. Analog Equivalent Circuit
input must settle completely within tSMPL for the ADC to
perform an accurate conversion. Minimizing RSOURCE
+
and C1 will improve the input settling time (see Figure 6).
If a large “+” input source resistance must be used, the
sample time can be increased by using a slower CLK
frequency.
“–” Input Settling
At the end of tSMPL, the input capacitor switches to the
“–” input and conversion starts (see Figures 1 and 5).
During the conversion the “+” input voltage is effectively
“held” by the sample-and-hold and will not affect the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com