| Electronic Components Datasheet Search |
|
LTC1199CS8 Datasheet(PDF) 23 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1199CS8 Datasheet(HTML) 23 Page - Linear Technology |
|
23 / 28 page ![]() 23 LTC1197/LTC1197L LTC1199/LTC1199L S APPLICATI TYPICAL Interfacing to the Parallel Port of the Intel 8051 Family The Intel 8051 has been chosen to demonstrate the interface between the LTC1199 and parallel port micro- processors. Normally the CS, CLK and DIN signals would be generated on three port lines and the DOUT signal read on a fourth port line. This works very well. However, we will demonstrate here an interface with the DIN and DOUT of the LTC1199 tied together as described in the SERIAL INTERFACE section. This saves one wire. The 8051 first sends the start bit and MUX address to the LTC1199 over the data line connected to P1.2. Then P1.2 is reconfigured as an input (by writing to it a one) and the 8051 reads back the 8-bit A/D result over the same data line. LABEL MNEMONIC OPERAND COMMENTS MOV A, #FFH DIN word for LTC1199 SETB P1.4 Make sure CS is high CLR P1.4 CS goes low MOV R4, #04 Load counter LOOP 1 RLC A Rotate DIN bit into Carry CLR P1.3 CLK goes low MOV P1.2, C Output DIN bit into Carry SETB P1.3 CLK goes high DJNZ R4, LOOP 1 Next bit MOV P1, #04 Bit 2 becomes an input CLR P1.3 CLK goes low MOV R4, #0AH Load counter LOOP MOV C, P1.2 Read data bit into Carry RLC A Rotate data bit into ACC SETB P1.3 CLK goes high CLR P1.3 CLK goes low DJNZ R4, LOOP Next bit MOV R2, A Store MSBs in R2 MOV C, P1.2 Read data bit into Carry SETB P1.3 CLK goes high CLR P1.3 CLK goes low CLR A Clear ACC RLC A Rotate data bit from Carry to ACC MOV C, P1.2 Read data bit into Carry RRC A Rotate right into ACC RRC A Rotate right into ACC MOV R3, A Store LSBs in R3 SETB P1.4 CS goes high CS CLK DOUT DIN LTC1199 ANALOG INPUTS P1.4 P1.3 P1.2 8051 MUX ADDRESS A/D RESULT 1197/99 TA06 DOUT from LTC1199 Stored in 8051 RAM 1 CS CLK DATA (DIN/DOUT) START ODD/ SIGN DUMMY B9 LTC1199 SENDS A/D RESULT BACK TO 8051 P1.2 8051 P1.2 OUTPUTS DATA TO LTC1199 8051 P1.2 RECONFIGURED AS AN INPUT AFTER THE 4TH RISING CLK AND BEFORE THE 4TH FALLING CLK LTC1199 TAKES CONTROL OF DATA LINE ON 4TH FALLING CLK 23 4 SGL/ DIFF B8 B7 B6 B5 B4 B3 B2 B1 B0 1197/99 TA08 R2 1197/99 TA07 MSB B9 B8 B7 B6 B5 B4 B3 B2 R3 LSB B1 B0 0 0 0 0 0 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |