Electronic Components Datasheet Search
  English  ▼

X  

LTC1199CS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1199CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1199CS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1199CS8 Datasheet HTML 20Page - Linear Technology LTC1199CS8 Datasheet HTML 21Page - Linear Technology LTC1199CS8 Datasheet HTML 22Page - Linear Technology LTC1199CS8 Datasheet HTML 23Page - Linear Technology LTC1199CS8 Datasheet HTML 24Page - Linear Technology LTC1199CS8 Datasheet HTML 25Page - Linear Technology LTC1199CS8 Datasheet HTML 26Page - Linear Technology LTC1199CS8 Datasheet HTML 27Page - Linear Technology LTC1199CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC1197/LTC1197L
LTC1199/LTC1199L
S
APPLICATI
TYPICAL
A “Quick Look” Circuit for the LTC1197
Users can get a quick look at the function and timing of
the LTC1197 by using the following simple circuit (Figure
11). VREF is tied to VCC. VIN is applied to the +IN input and
the – IN input is tied to the ground. CS is driven at 1/16
the clock rate by the 74HC161 and DOUT outputs the data.
The output data from the DOUT pin can be viewed on an
oscilloscope that is set up to trigger on the falling edge
of CS (Figure 12). Note that after the LSB is clocked out,
the LTC1197 clocks out zeros until CS goes high. Also
note that with the resistor divider on DOUT the output
goes midway between VCC and ground when in the high
impedance mode.
CLR
CLK
A
B
C
D
P
GND
VCC
RC
QA
QB
QC
QD
T
LOAD
74HC161
VIN
TO OSCILLOSCOPE
DOUT CLK CS
1197/99 F11
VCC
CLK
DOUT
VREF
LTC1197
CS
+ IN
– IN
GND
1
µF
5V
10k
CLK IN 7.2MHz MAX
10k
5V
+
Figure 11. “Quick Look” Circuit for the LTC1197
CLK
CS
D
OUT
FILL
ZEROES
HIGH
IMPEDANCE
2 NULL
BITS
MSB
(B9)
LSB
(B0)
VERTICAL: 5V/DIV
HORIZONTAL: 10
µs/DIV
Figure 12. Scope Photo of the LTC1197 “Quick Look” Circuit
Waveforms Showing A/D Output 1001001001 (249HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com