Electronic Components Datasheet Search
  English  ▼

X  

LTC1291DI Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1291DI
Description  Single Chip 12-Bit Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291DI Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1291DI Datasheet HTML 6Page - Linear Technology LTC1291DI Datasheet HTML 7Page - Linear Technology LTC1291DI Datasheet HTML 8Page - Linear Technology LTC1291DI Datasheet HTML 9Page - Linear Technology LTC1291DI Datasheet HTML 10Page - Linear Technology LTC1291DI Datasheet HTML 11Page - Linear Technology LTC1291DI Datasheet HTML 12Page - Linear Technology LTC1291DI Datasheet HTML 13Page - Linear Technology LTC1291DI Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1291
Table 1. Microprocessor with Hardware Serial Interfaces
Compatible with the LTC1291**
PART NUMBER
TYPE OF INTERFACE
Motorola
MC6805S2, S3
SPI
MC68HC11
SPI
MC68HC05
SPI
RCA
CDP68HC05
SPI
Hitachi
HD6305
SCI Synchronous
HD6301
SCI Synchronous
HD63701
SCI Synchronous
HD6303
SCI Synchronous
HD64180
SCI Synchronous
National Semiconductor
COP400 Family
MICROWIRE†
COP800 Family
MCROWIRE/PLUS†
NS8050U
MICROWIRE/PLUS
HPC16000 Family
MICROWIRE/PLUS
Texas Instruments
TMS7002
Serial Port
TMS7042
Serial Port
TMS70C02
Serial Port
TMS70C42
Serial Port
TMS32011*
Serial Port
TMS32020*
Serial Port
TMS370C050
SPI
* Requires external hardware
** Contact factory for interface information for processors not on this list
† MICROWIRE and MICROWIRE/PLUS are trademarks of National
Semiconductor Corp.
Unipolar Transfer Curve
VIN
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
1291 AI05b
Output Code
The LTC1291 performs a unipolar conversion. The follow-
ing shows the output code and transfer curve:
OUTPUT CODE
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 5V)
4.9988V
4.9976V
•
•
•
0.0012V
0V
1291 AI05a
Unipolar Output Code
Microprocessor Interfaces
The LTC1291 can interface directly (without external hard-
ware) to most popular microprocessors’s (MPU) synchro-
nous serial formats (see Table 1). If an MPU without a
dedicated serial port is used, then three of the MPU’s
parallel port lines can be programmed to form the serial
link to the LTC1291. Included here are one serial interface
example and one example showing a parallel port pro-
grammed to form the serial interface.
Motorola SPI (MC68HC11)
The MC68HC11 has been chosen as an example of an MPU
with a dedicated serial port. This MPU transfers data MSB
-first and in 8-bit increments. The DIN word sent to the data
register starts the SPI process. With three 8-bit transfers,
the A/D result is read into the MPU. The second 8-bit
transfer clocks B11 through B8 of the A/D conversion
result into the processor. The third 8-bit transfer clocks the
remaining bits, B7 through B0, into the MPU. The data is
right justified in the two memory locations. ANDing the
second byte with 0DHEX clears the four most significant
bits. This operation was not included in the code. It can be
inserted in the data gathering loop or outside the loop
when the data is processed.
S
APPLICATI
I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com