Electronic Components Datasheet Search
  English  ▼

X  

LTC1291DI Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1291DI
Description  Single Chip 12-Bit Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291DI Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1291DI Datasheet HTML 11Page - Linear Technology LTC1291DI Datasheet HTML 12Page - Linear Technology LTC1291DI Datasheet HTML 13Page - Linear Technology LTC1291DI Datasheet HTML 14Page - Linear Technology LTC1291DI Datasheet HTML 15Page - Linear Technology LTC1291DI Datasheet HTML 16Page - Linear Technology LTC1291DI Datasheet HTML 17Page - Linear Technology LTC1291DI Datasheet HTML 18Page - Linear Technology LTC1291DI Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1291
S
APPLICATI
I FOR ATIO
or GND lead will cause gain errors and offset errors (Figure
7). For the best performance the LTC1291 should be
soldered directly to the PC board. If the source can not be
placed next to the pin and the gain parameter is important
the pin should be Kelvin-sensed to eliminate parasitic
resistances due to long PC traces. For example, 0.1
Ω of
resistance in the VCC lead can typically cause 0.5LSB
(ICC × 0.1Ω/VCC) of gain error for VCC = 5V.
When the input MUX is selected for single-ended input the
minus terminal is connected to GND internally on the die.
Any parasitic resistance from the GND pin to the ground
plane will lead to an offset voltage (ICC × RP2).
“+” Input Settling
The input capacitor is switched onto the “+” input during
the sample phase (tSMPL, see Figure 9). The sample period
is 2.5 CLK cycles before a conversion starts. The voltage
on the “+” input must settle completely within the sample
period. Minimizing RSOURCE+ and C1 will improve the
settling time. If large “+” input source resistance must be
used, the sample time can be increased by using a slower
CLK frequency. With the minimum possible sample time
of 2.5
µs, RSOURCE+ < 1.0k and C1 < 20pF will provide
adequate settle time.
“–” Input Settling
At the end of the sample phase the input capacitor switches
to the “–” input and the conversion starts (see Figure 9).
During the conversion, the “+” input voltage is effectively
“held” by the sample-and-hold and will not affect the
conversion result. It is critical that the “–” input voltage be
free of noise and settle completely during the first CLK
cycle of the conversion. Minimizing RSOURCE– and C2 will
improve settling time. If large “–” input source resistance
must be used, the time can be extended by using a slower
CLK frequency. At the maximum CLK frequency of 1MHz,
RSOURCE– < 250Ω and C2 < 20pF will provide adequate
settling.
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settles within the allowed time
(see Figure 9). Again the “+” and “–” input sampling times
can be extended as described above to accommodate
slower op amps. Most op amps including the LT1006 and
LT1013 single supply op amps can be made to settle well
even with the minimum settling windows of 2.5
µs (“+”
input) and 1
µs (“–” input) that occurs at the maximum
clock rate of 1MHz. Figures 10 and 11 show examples
adequate and poor op amp settling.
and capacitances will slow the settling of the inputs. It is
important that the overall RC time constant is short
enough to allow the analog inputs to settle completely
within the allowed time.
Figure 7. Parasitic Resistance in the VCC and GND Leads
Source Resistance
The analog inputs of the LTC1291 look like a 100pF
capacitor (CIN) in series with a 500Ω resistor (RON). CIN
gets switched between “+” and “–” inputs once during
each conversion cycle. Large external source resistors
Figure 8. Analog Input Equivalent Circuit
REF+
REF–
D/A
5V
VCC
GND
LTC1291 F07
RP1
RP2
LTC1291
3RD CLK
↑
RON = 500Ω
CIN =
100pF
LTC1291
“+”
INPUT
RSOURCE +
VIN +
C1
“–”
INPUT
RSOURCE –
VIN –
C2
LTC1291 F08
5TH CLK
↓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com