Electronic Components Datasheet Search
  English  ▼

X  

LTC1291DI Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1291DI
Description  Single Chip 12-Bit Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291DI Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1291DI Datasheet HTML 12Page - Linear Technology LTC1291DI Datasheet HTML 13Page - Linear Technology LTC1291DI Datasheet HTML 14Page - Linear Technology LTC1291DI Datasheet HTML 15Page - Linear Technology LTC1291DI Datasheet HTML 16Page - Linear Technology LTC1291DI Datasheet HTML 17Page - Linear Technology LTC1291DI Datasheet HTML 18Page - Linear Technology LTC1291DI Datasheet HTML 19Page - Linear Technology LTC1291DI Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LTC1291
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S
APPLICATI
I FOR ATIO
data is output MSB-first. CS is driven at 1/64 the clock
frequency by the 74HC393 and DOUT outputs the data.
The output data from the DOUT pin can be viewed on a
oscilloscope that is set up to trigger on the falling edge
of CS (Figure 17).
A “Quick Look” Circuit for the LTC1291
Users can get a quick look at the function and timing of
the LTC1291 by using the following simple circuit
(Figure 16). DIN is tied to VCC. This requires VIN be
applied to CH1 with respect to the ground plane. The
Figure 16. “Quick Look” Circuit for the LTC1291
A1
CLR1
1QA
1QB
1QC
1QD
GND
VCC
A2
CLR2
2QA
2QB
2QC
2QD
74HC393
0.1
µF
VIN
TO OSCILLOSCOPE
0.1
µF
+
5V
22
µF TANTALUM
f
f/64
CLOCK IN 1MHz
LTC1291 F16
VCC (VREF)
CLK
DOUT
DIN
LTC1291
CS
CH0
CH1
GND
CLK
CS
D
OUT
NULL
BIT
MSB
(B11)
LSB
(B0)
FILLS WITH
ZEROES
VERTICAL: 5V/DIV
HORIZONTAL: 5
µs/DIV
Figure 17. Scope Trace of the LTC1291 "Quick Look"
Circuit Showing Output 101010101010 (AAAHEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com