Electronic Components Datasheet Search
  English  ▼

X  

LTC1325 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1325
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1325 Datasheet HTML 9Page - Linear Technology LTC1325 Datasheet HTML 10Page - Linear Technology LTC1325 Datasheet HTML 11Page - Linear Technology LTC1325 Datasheet HTML 12Page - Linear Technology LTC1325 Datasheet HTML 13Page - Linear Technology LTC1325 Datasheet HTML 14Page - Linear Technology LTC1325 Datasheet HTML 15Page - Linear Technology LTC1325 Datasheet HTML 16Page - Linear Technology LTC1325 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1325
FUNCTIONAL DESCRIPTIO
The chip enters the discharge mode when the proper
mode command bits are set and the power shutdown
command bit is clear. If a fault condition does not exist,
then the DIS pin is pulled up to VDD by the internal driver.
The DIS voltage is used to turn on an external transistor
which discharges the battery through an external series
resistor RDIS.
Discharging will continue until a new command word is
input to change the mode or a fault condition occurs.
Charge Mode
Command: MOD1 = 1, MOD0 = 0, PS = 0
Status:
BATP = 1, BATR = 0, FMCV = 0, FEDV = X,
FHTF = 0, FLTF = 0, tOUT = 0
The chip enters the charge mode when the proper mode
command bits are set and the power shutdown command
bit is clear. If a fault condition does not exist then charging
can begin. Charging will continue until a new command
word is input to change the mode or a fault condition
occurs.
The charge current may be regulated by a programmable
111kHz PWM buck current regulator, or by using the PFET
to gate an external current regulator or current limited
transformer.
111kHz PWM Controller
The block diagram of the charging loop connected as a
PWM buck current regulator is shown in Figure 4. The
PWM may operate in either continuous or discontinuous
mode. The loop forces the average voltage across the
sense resistor to be equal to the voltage at the output of the
DAC, so that the charging current becomes VDAC/RSENSE.
With switch S2 on and the others off, amplifier A1 along
with C1, R1 and R2 are configured as an integrator with
16kHz bandwidth. The output of the integrator is the
average difference between the voltage across the sense
resistor and the DAC output voltage.
The rising edge of the oscillator waveform triggers the one
shot which sets the flip-flop output high. This turns on the
external PFET P1 by pulling its gate low via the FET driver.
With P1 on, the current through the inductor L1 starts to
(MCV), minimum cell voltage exceeded (EDV), high tem-
perature limit exceeded (HTF), low temperature limit ex-
ceeded (LTF) and time limit exceeded (tOUT). When a fault
condition occurs, the discharge and charge loops are
disabled or prevented from turning on and the fail-safe bit
(FS) is set. The chip is reset by shifting in a new command
word with the fail-safe clear FSCLR bit set. The 8-bit status
word contains the state of each fault condition.
Power Shutdown Mode
Command: MOD1 = X, MOD0 = X, PS = 1
Status:
BATP = X, BATR = X, FMCV = X, FEDV = X,
FHTF = X, FLTF = X, tOUT = X
In the power shutdown mode, the analog section is turned
off and the supply current drops to 30
µA. The voltage
regulator, which provides power to the internal analog
circuitry and external bias networks, is shut down. The
voltage divider across the battery is disconnected and the
only circuit left on is the voltage regulator for the serial
interface logic.
Idle Mode
Command: MOD1 = 0, MOD0 = 0, PS = 0
Status:
BATP = X, BATR = X, FMCV = X, FEDV = X,
FHTF = X, FLTF = X, tOUT = X
The chip enters the idle mode when the proper mode
command bits are set and the power shutdown command
bit is cleared. During the idle mode, the chip is fully
powered, but the discharge, charge and gas gauge circuits
are off. The chip may be placed in the idle mode momen-
tarily while charging the battery, allowing an ADC mea-
surement to be made without any switching noise from the
PWM current source affecting the accuracy of the reading.
The mode command bits are picked off as they appear at
DIN, so that while the rest of the command word is being
shifted in, the charging loop has time to settle before an
ADC measurement is made.
Discharge Mode
Command: MOD1 = 0, MOD0 = 1, PS = 0
Status:
BATP = 1, BATR = 0, FMCV = X, FEDV = 0,
FHTF = 0, FLTF = 0, tOUT = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com