Electronic Components Datasheet Search
  English  ▼

X  

LTC1325 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1325
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325 Datasheet(HTML) 3 Page - Linear Technology

  LTC1325 Datasheet HTML 1Page - Linear Technology LTC1325 Datasheet HTML 2Page - Linear Technology LTC1325 Datasheet HTML 3Page - Linear Technology LTC1325 Datasheet HTML 4Page - Linear Technology LTC1325 Datasheet HTML 5Page - Linear Technology LTC1325 Datasheet HTML 6Page - Linear Technology LTC1325 Datasheet HTML 7Page - Linear Technology LTC1325 Datasheet HTML 8Page - Linear Technology LTC1325 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1325
VDD = 12V ±5%, TA = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
thDI
Hold Time, DIN After CLK↑
150
ns
tdsuCS
Setup Time, CS Before First CLK
↑
1
µs
tdsuDI
Setup Time, DIN Stable Before First CLK↑
400
ns
tWHCLK
CLK High Time
0.8
µs
tWLCLK
CLK Low Time
1
µs
tWHCS
CS High Time Between Data Transfers
1
µs
tWLCS
CS Low Time During Data Transfer
MSBF = 1
43
CLK Cycles
MSBF = 0
52
CLK Cycles
RECO
E DED CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to the GND pin.
Note 3: VREG within specified min and max limits, CLK (Pin 5) = 500kHz,
unless otherwise stated. ADC clock is the serial CLK.
Note 4: Linearity error is specified between the actual end points of the
A/D transfer curve.
Note 5: Channel leakage is measured after channel selection.
Note 6: Gas gauge offset excludes A/D offset error.
Note 7: I = VDAC(Duty Ratio)/RSENSE, where VDAC is the DAC output
voltage with control bits VR1 = VR0 = 1, duty ratio = 1 and RSENSE is
determined by the user.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOL
Output Low Voltage
DOUT, IOUT = 1.6mA
q
0.4
V
VOH
Output High Voltage
DOUT, IOUT = – 1.6mA
q
2.4
V
IOZ
Hi-Z Output Leakage
VCS = 5V
q
±10
µA
VOHFET
DIS or PGATE Output High
VDD = 4.5V to 16V
q
VDD – 0.05
V
VOLFET
DIS or PGATE Output Low
VDD = 4.5V to 16V
q
0.05
V
tdDO
Delay Time, CLK
↓ to DOUT Valid
See Test Circuits
q
650
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
q
510
ns
ten
Delay Time, CLK
↓ to DOUT Enabled
See Test Circuits
q
400
ns
thDO
Time DOUT Remains Valid After CLK↓
See Test Circuits
q
30
ns
trDOUT
DOUT Rise Time
See Test Circuits
q
250
ns
tfDOUT
DOUT Fall Time
See Test Circuits
q
100
ns
fCLK
Serial I/O Clock Frequency
CLK Pin
q
25
500
kHz
trPGATE
PGATE Rise Time
CLOAD = 1500pF
q
150
ns
tfPGATE
PGATE Fall Time
CLOAD = 1500pF
q
150
ns
fOSC
Internal Oscillator Frequency
Charge Mode, Fail-Safes Disabled
90
111
130
kHz
A/D Converter
Offset Error
VIN Channel (Note 3)
q
±2
LSB
Linearity Error
VIN Channel (Notes 3, 4)
q
±0.5
LSB
Full-Scale Error
VIN Channel (Note 3)
q
±1
LSB
On-Channel Leakage
VIN Channel ON Only (Notes 3, 5)
q
±10
µA
Off-Channel Leakage
VIN Channel OFF (Notes 3, 5)
q
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com