Electronic Components Datasheet Search
  English  ▼

X  

LTC1325 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1325
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325 Datasheet(HTML) 5 Page - Linear Technology

  LTC1325 Datasheet HTML 1Page - Linear Technology LTC1325 Datasheet HTML 2Page - Linear Technology LTC1325 Datasheet HTML 3Page - Linear Technology LTC1325 Datasheet HTML 4Page - Linear Technology LTC1325 Datasheet HTML 5Page - Linear Technology LTC1325 Datasheet HTML 6Page - Linear Technology LTC1325 Datasheet HTML 7Page - Linear Technology LTC1325 Datasheet HTML 8Page - Linear Technology LTC1325 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1325
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CAPACITANCE (nF)
0
400
800
1200
1000
600
200
4
8
12
16
1325 G10
20
2
0
6
10
14
18
TA = 0°C
TA = 70°C
TA = 27°C
LOAD CAPACITANCE (nF)
0
600
800
1000
900
700
500
300
100
16
LTC1325 G11
400
200
0
4
2
6
10
14
18
8
12
20
TA = 70°C
TA = 0°C
TA = 27°C
PGATE Fall Time vs
Load Capacitance
CODE
0
1024
1325 G12
256
512
768
1.0
0.5
0
–0.5
–1.0
128
384
640
896
VDD = 12V
fCLK = 500kHz
LOAD CAPACITANCE (nF)
0
0
2
6
8
10
14
2
10
14
1325 G13
4
12
8
18 20
4
6
12
16
TA = 70°C
TA = 27°C
TA = 0°C
RISE TIME
FALL TIME
CODE
0
1024
1325 G15
256
512
768
1.0
0.5
0
–0.5
–1.0
128
384
640
896
VDD = 12V
fCLK = 500kHz
Integral Nonlinearity
TEMPERATURE (
°C)
–40
108
109
111
112
113
118
115
0
40
60
1325 G16
110
116
117
114
–20
20
80
100
Oscillator Frequency vs
Temperature
TEMPERATURE (
°C)
0
400
500
600
60
1325 G18
300
200
10
20
30
50
70
40
80
100
0
700
DOUT GOING HIGH
DOUT GOING LOW
CLK to DOUT Enable Delay Time
vs Temperature
CLK to DOUT Valid Delay Time
vs Temperature
TEMPERATURE (
°C)
0
0
50
150
200
250
500
350
20
40
50
1325 G17
100
400
450
300
10
30
60
70
80
NUMBER OF CELLS
1
7
1325 G14
35
16
14
12
10
8
6
4
2
0
24
6
8
RSENSE = 1, VR1 = 1, VR0 = 1
L = 25
µH TO 100µH
IRF9Z30PFET, 1N5819 DIODE
RSENSE = 0.15, VR1 = 1,VR0 = 1
L = 10
µH TO 100µH
IRF9Z30PFET, 1N5819 DIODE
TA = 27°C, NiCd BATTERIES
VCELL = 1.4V NOMINAL
Discharge Rise and Fall Time
vs Load Capacitance
Minimum Charging Supply vs
Number of Cells
Differential Nonlinearity
PGATE Rise Time vs
Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com