Electronic Components Datasheet Search
  English  ▼

X  

LTC3705 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3705
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705 Datasheet(HTML) 2 Page - Linear Technology

  LTC3705 Datasheet HTML 1Page - Linear Technology LTC3705 Datasheet HTML 2Page - Linear Technology LTC3705 Datasheet HTML 3Page - Linear Technology LTC3705 Datasheet HTML 4Page - Linear Technology LTC3705 Datasheet HTML 5Page - Linear Technology LTC3705 Datasheet HTML 6Page - Linear Technology LTC3705 Datasheet HTML 7Page - Linear Technology LTC3705 Datasheet HTML 8Page - Linear Technology LTC3705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3705
2
3705fb
Power Supply (VCC) ...................................– 0.3V to 15V
External NMOS Drive (NDRV) ....................– 0.3V to 20V
NDRV to VCC ........................................................... – 0.3V to 5V
Bootstrap Supply (BOOST) ...................... – 0.3V to 115V
Top Source (TS) .......................................... -5V to 100V
BOOST to TS .............................................– 0.3V to 15V
Soft-Start Fault, Feedback,
Frequency Set, Transformer
Inputs (SSFLT, FB/IN+, FS/IN–) ..................– 0.3V to 15V
All Other Pins (VSLMT, IS, UVLO) .................– 0.3V to 5V
Peak Output Current <1
µs (TG, BG)........................... 2A
Operating Ambient Temperature Range .. – 40
°C to 85°C
Operating Junction Temperature (Note 2) ............ 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 110°C/W
LTC3705EGN
LTC3705IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VBOOST = 12V, GND = PGND = VTS = 0V, TA = 25°C, unless
otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
IS
VSLMT
UVLO
SSFLT
NDRV
FB/IN+
FS/IN–
TS
TG
BOOST
NC
NC
VCC
BG
PGND
GN PART
MARKING
3705
3705I
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply, Linear Regulator and Trickle Charger Shunt Regulator
VCCOP
Operating Voltage Range
7
12
15
V
VCCLR
Output Voltage
Linear Regulator in Operation
8
V
INDRV
Current into NDRV Pin
Linear Regulator in Operation
0.1
1
mA
tr(VCC)
Rise Time of VCC
Linear Regulator Charging (0.5V to 7.5V)
45
µs
INDRVTO
Linear Regulator Time Out Current Threshold
Primary-Side Operation
0.27
mA
ICC
Supply Current
VUVLO = 1.5V, Linear Regulator in
1.4
2.1
mA
Operation (Note 3)
ICCM
Maximum Supply Current
VUVLO = 1.5V, Trickle Charger in Operation,
1.7
2.5
mA
VCC = 13.2V (Note 3)
VCCSR
Maximum Supply Voltage
Trickle Charger Shunt Regulator
14.25
15
V
ICCSR
Minimum Current into NDRV/VCC
Trickle Charger Shunt Regulator, VCC = 15V
10
mA
(Note 3)
Internal Undervoltage
VCCUV
Internal Undervoltage Threshold
VCC Rising
5.3
V
VCC Falling
4.7
V
Gate Drive Undervoltage
VGDUV
Gate Drive Undervoltage Threshold
VCC Rising (Linear Regulator)
●
7.2
7.4
7.7
V
VCC Rising (Trickle Charger)
●
13.1
13.4
14
V
VCC Falling
●
6.8
7.0
7.2
V
Undervoltage Lockout (UVLO)
VUVLOR
Undervoltage Lockout Threshold Rising
Rising
●
1.220
1.242
1.280
V
VUVLOF
Undervoltage Lockout Threshold Falling
Falling
●
1.205
1.226
1.265
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com