Electronic Components Datasheet Search
  English  ▼

X  

LTC3705 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3705
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3705 Datasheet HTML 2Page - Linear Technology LTC3705 Datasheet HTML 3Page - Linear Technology LTC3705 Datasheet HTML 4Page - Linear Technology LTC3705 Datasheet HTML 5Page - Linear Technology LTC3705 Datasheet HTML 6Page - Linear Technology LTC3705 Datasheet HTML 7Page - Linear Technology LTC3705 Datasheet HTML 8Page - Linear Technology LTC3705 Datasheet HTML 9Page - Linear Technology LTC3705 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3705
6
3705fb
PI FU CTIO S
GND (Pin 1): Signal Ground.
IS (Pin 2): Input to the Overcurrent Comparator. Connect
to the positive terminal of a current-sense resistor in
series with the source of the ground-referenced bottom
MOSFET.
VSLMT (Pin 3): Volt-Second Limit. Form an R-C integrator
by connecting a resistor from VIN to VSLMT and a capacitor
from VSLMT to ground. The gate drives are turned off when
the voltage on the VSLMT pin exceeds 1.25V.
UVLO (Pin 4): Undervoltage Lockout. Connect to a resis-
tive voltage divider to monitor input voltage VIN. Enables
converter operation for VUVLO > 1.242V. Hysteresis is a
fixed 16mV hysteresis voltage with a 4.9
µA hysteresis
current that combines with the Thevenin resistance of the
divider to set the total UVLO hysteresis voltage. This input
also senses VIN for voltage feedforward. Finally, this pin
can be used for external run/stop control.
SSFLT (Pin 5): Combination Soft-Start and Fault Indica-
tor. A capacitor to GND sets the duty cycle ramp-up rate
during start-up. To indicate a fault, the SSFLT pin is
momentarily pulled up to within 1.3V of VCC.
NDRV (Pin 6): Drive for the External NMOS of the Linear
Regulator. Connect to the gate of the NMOS and connect
a pull up resistor to the input voltage VIN. Optionally, to
create a trickle charger omit the NMOS device and connect
NDRV to VCC.
FB/IN+ (Pin 7): This pin has several functions. The two
terminals of one pulse transformer winding are connected
to the FB/IN+ and FS/IN– pins. The other pulse transformer
winding is connected to the LTC3706. The LTC3705
automatically detects when the LTC3706 applies a pulse-
encoded signal to the FB/IN+ and FS/IN– pins and decodes
duty cycle information for control of the primary-side gate
drives (see Operation below). In secondary-side control,
primary-side gate drive bias power is also extracted from
the FB/IN+ and FS/IN– pins using an on-chip full-wave
rectifier.
For primary-side control connect this pin to an optoisolator
for feedback control of converter output voltage using an
internal optoisolator biasing network.
FS/IN– (Pin 8): This pin has several functions. Place a
resistor from this pin to GND to set the oscillator fre-
quency. For secondary-side control with the LTC3706,
connect one winding of the pulse transformer for opera-
tion as described for the FB/IN+ pin above.
PGND (Pin 9): Supply Return for the Bottom Gate Driver
and the On-Chip Bridge Rectifier.
BG (Pin 10): Bottom Gate Driver. Connect to the gate of the
“low side” external MOSFET.
VCC (Pin 11): Main VCC Power for All Driver and Control
Circuitry.
NC (Pins 12, 13): Voltage Isolation Pins. No connection.
Provided to allow adequate clearance between high-volt-
age pins (BOOST, TG, and TS) and the remainder of the
pins.
BOOST (Pin 14): Top Gate Driver Supply. Connect to VCC
with a diode to supply power to the “high side” external
MOSFET and bypass with a capacitor to TS.
TG (Pin 15): Top Gate Driver. Connect to the gate of the
“high side” external MOSFET.
TS (Pin 16): Supply Return for the Top Gate Driver.
Connect to the source of the “high side” external MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com