Electronic Components Datasheet Search
  English  ▼

X  

LTC3705 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3705
Description  2-Switch Forward Controller and Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3705 Datasheet(HTML) 4 Page - Linear Technology

  LTC3705 Datasheet HTML 1Page - Linear Technology LTC3705 Datasheet HTML 2Page - Linear Technology LTC3705 Datasheet HTML 3Page - Linear Technology LTC3705 Datasheet HTML 4Page - Linear Technology LTC3705 Datasheet HTML 5Page - Linear Technology LTC3705 Datasheet HTML 6Page - Linear Technology LTC3705 Datasheet HTML 7Page - Linear Technology LTC3705 Datasheet HTML 8Page - Linear Technology LTC3705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3705
4
3705fb
Supply Current vs VCC
Boost Current vs Boost – TS
Voltage
UVLO Voltage Threshold vs
Temperature
UVLO Hysteresis Current vs
Temperature
Oscillator Frequency
fOSC vs RFSET
Oscillator Frequency vs
Temperature
Shunt Regulator Current ICC
vs VCC
Shunt Regulator Current vs
Temperature
VGDUV vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
VCC (V)
0
1.0
1.5
15
3705 G01
0.5
0
10
5
2.0
TRICKLE CHARGER
LINEAR REGULATOR
VBOOST – VTS (V)
0
350
300
250
200
150
100
50
15
3705 G02
0
10
5
400
VTS = 0V
VTS = 80V
RFSET (kΩ)
0
300
200
100
400
300
200
100
3705 G03
0
800
700
400
500
600
SECONDARY-SIDE CONTROL
PRIMARY-SIDE CONTROL
VCC (V)
14.00
9
6
3
15.00
14.75
14.50
14.25
3705 G04
0
18
12
15
TEMPERATURE (
°C)
–60
1.240
1.235
1.230
1.225
100
3705 G09
1.220
40
60
80
0
–20
20
–40
1.245
VUVLOF
VUVLOR
TEMPERATURE (
°C)
–60
5.00
4.95
4.90
4.85
100
3705 G10
4.80
40
60
80
0
–20
20
–40
5.05
TEMPERATURE (
°C)
–60
202
201
200
199
100
3705 G11
197
198
40
60
80
0
–20
20
–40
203
PRIMARY-SIDE CONTROL
RFS(P) = 100kΩ
TEMPERATURE (
°C)
–60
100
3705 G12
15
16
17
18
19
40
60
80
0
–20
20
–40
25
24
23
22
21
20
TEMPERATURE (
°C)
–60
100
3705 G13
6
7
8
40
60
80
0
–20
20
–40
14
13
12
11
10
9
VCC RISING (TRICKLE CHARGER)
VCC RISING (LINEAR REGULATOR)
VCC FALLING (BOTH)
(TA = 25°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com