Electronic Components Datasheet Search
  English  ▼

X  

LTC1414 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1414
Description  14-Bit, 2.2Msps, Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1414 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1414 Datasheet HTML 9Page - Linear Technology LTC1414 Datasheet HTML 10Page - Linear Technology LTC1414 Datasheet HTML 11Page - Linear Technology LTC1414 Datasheet HTML 12Page - Linear Technology LTC1414 Datasheet HTML 13Page - Linear Technology LTC1414 Datasheet HTML 14Page - Linear Technology LTC1414 Datasheet HTML 15Page - Linear Technology LTC1414 Datasheet HTML 16Page - Linear Technology LTC1414 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1414
APPLICATIONS INFORMATION
Figure 14. Offset and Full-Scale Adjust Circuit
LTC1414
AIN
+
ANALOG INPUT
AIN
–
VREF
REFCOMP
AGND
LTC1414 • F14
1
2
3
R4
100
Ω
R2
50k
R3
24k
–5V
R6
24k
R1
50k
R5
47k
4
5
10
µF
Board Layout and Bypassing
To obtain the best performance from the LTC1414, a
printed circuit board with a ground plane is required.
Layout for the printed circuit board should ensure that
digital and analog signal lines are separated as much as
possible. In particular, care should be taken not to run any
digital line alongside an analog signal line or underneath
the ADC. The analog input should be screened by AGND.
High quality tantalum and ceramic bypass capacitors
should be used at the VDD, VSS and VREF pins. Bypass
capacitors must be located as close to the pins as possible.
The traces connecting the pins and bypass capacitors
must be kept short and should be made as wide as
possible.
The LTC1414 has differential inputs to minimize noise
coupling. Common mode noise on the AIN+ and AIN–
inputs will be reflected by the input CMRR. The AIN
– input
can be used as a ground sense for the AIN
+ input; the
LTC1414 will hold and convert the difference voltage
between AIN
+ and AIN–. The leads to AIN+ (Pin 1) and AIN–
(Pin 2) should be kept as short as possible. In applications
where this is not possible, the AIN+ and AIN– traces should
be run side by side to equalize coupling.
A single point analog ground separate from the logic
system ground should be established with an analog
ground plane at AGND (Pin 5, 27) or as close as possible
to the ADC (see Figure 8). The ADC’s DGND (Pin 23) and
all other analog grounds should be connected to this
single analog ground point. No other digital grounds
should be connected to this analog ground point. Low
impedance analog and digital power supply common
returns are essential to low noise operation of the ADC and
these traces should be as wide as possible. Excessive
capacitive loading on the ADC’s data output lines can
generate large transient currents on the ADC supplies
which may affect conversion results. In these cases, the
use of digital buffers is recommended to isolate the ADC
from the excessive loading.
EXAMPLE LAYOUT
Figures 16a, 16b, 16c and 16d show the schematic and
layout of an evaluation board. The layout demonstrates the
proper use of decoupling capacitors and ground plane
with a two layer printed circuit board.
1414 F15
AIN
+
AGND
REFCOMP
VSS
AVDD
LTC1414
DIGITAL
SYSTEM
ANALOG
INPUT
CIRCUITRY
5, 27
4
2
26
28
OVDD
21
OGND
DGND
14
23
1
10
µF
AIN
–
10
µF
10
µF
DVDD
22
ANALOG GROUND PLANE
+
–
Figure 15. Power Supply Grounding Practice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com