Electronic Components Datasheet Search
  English  ▼

X  

LTC1414 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1414
Description  14-Bit, 2.2Msps, Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1414 Datasheet(HTML) 3 Page - Linear Technology

  LTC1414 Datasheet HTML 1Page - Linear Technology LTC1414 Datasheet HTML 2Page - Linear Technology LTC1414 Datasheet HTML 3Page - Linear Technology LTC1414 Datasheet HTML 4Page - Linear Technology LTC1414 Datasheet HTML 5Page - Linear Technology LTC1414 Datasheet HTML 6Page - Linear Technology LTC1414 Datasheet HTML 7Page - Linear Technology LTC1414 Datasheet HTML 8Page - Linear Technology LTC1414 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1414
(Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D) Signal-to-Noise Plus Distortion Ratio
100kHz Input Signal
80
dB
1.1MHz Input Signal
78
dB
THD
Total Harmonic Distortion
100kHz Input Signal, First 5 Harmonics
– 95
dB
1.1MHz Input Signal, First 5 Harmonics
– 83
dB
SFDR
Spurious Free Dynamic Range
100kHz Input Signal, First 5 Harmonics
95
dB
1.1MHz Input Signal, First 5 Harmonics
84
dB
IMD
Intermodulation Distortion
fIN1 = 29.37kHz, fIN2 = 32.446kHz
– 86
dB
Full Power Bandwidth
40
MHz
Full Linear Bandwidth
S/(N + D)
≥ 74dB
3
MHz
ACCURACY
IC
DY A
(Note 5)
I TER AL REFERE CE CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.480
2.500
2.520
V
VREF Output Tempco
IOUT = 0
±15
ppm/
°C
VREF Line Regulation
4.75V
≤ VDD ≤ 5.25V
0.01
LSB/ V
– 5.25V
≤ VSS ≤ –4.75V
0.01
LSB/ V
VREF Output Resistance
IOUT≤ 0.1mA
2
k
Ω
COMP Output Voltage
IOUT = 0
4.06
V
(Note 5)
DIGITAL I PUTS AND OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
(Note 9)
4.75
5.25
V
VSS
Negative Supply Voltage
(Note 9)
– 4.75
– 5.25
V
IDD
Positive Supply Current
CS High
q
12
16
mA
ISS
Negative Supply Current
CS High
q
23
30
mA
PD
Power Dissipation
175
230
mW
POWER REQUIRE E TS (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
1.2
pF
VOH
High Level Output Voltage
VDD = 4.75V, IO = – 10µA
4.74
V
VDD = 4.75V, IO = – 200µA
q
4.0
V
VOL
Low Level Output Voltage
VDD = 4.75V, IO = 160µA
0.05
V
VDD = 4.75V, IO = 1.6mA
q
0.10
0.4
V
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com