Electronic Components Datasheet Search
  English  ▼

X  

LTC1414 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1414
Description  14-Bit, 2.2Msps, Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1414 Datasheet(HTML) 5 Page - Linear Technology

  LTC1414 Datasheet HTML 1Page - Linear Technology LTC1414 Datasheet HTML 2Page - Linear Technology LTC1414 Datasheet HTML 3Page - Linear Technology LTC1414 Datasheet HTML 4Page - Linear Technology LTC1414 Datasheet HTML 5Page - Linear Technology LTC1414 Datasheet HTML 6Page - Linear Technology LTC1414 Datasheet HTML 7Page - Linear Technology LTC1414 Datasheet HTML 8Page - Linear Technology LTC1414 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1414
TYPICAL PERFOR A CE CHARACTERISTICS
PIN FUNCTIONS
A IN
+ (Pin 1): Positive Analog Input.
±2.5V input range
when AIN– is grounded. ±2.5V differential if AIN– is driven
differentially with AIN
+.
AIN
– (Pin 2): Negative Analog Input. Can be grounded or
driven differentially with AIN+.
VREF (Pin 3): 2.5V Reference Output.
REFCOMP (Pin 4): 4.06V Reference Bypass Pin.
Bypass to AGND with 10
µF ceramic or 10µF tantalum in
parallel with 0.1
µF ceramic.
AGND (Pin 5): Analog Ground.
D13 to D6 (Pins 6 to 13): Data Outputs.
OGND (Pin 14): Digital Ground for the Output Drivers. Tie
to AGND
D5 to D0 (Pins 15 to 20): Data Outputs.
OVDD (Pin 21): Positive Supply for the Output Drivers. Tie
to Pin 28 when driving 5V logic. For 3V logic, tie to supply
of the logic being driven.
DVDD (Pin 22): 5V Positive Supply. Tie to Pin 28.
DGND (Pin 23): Digital Ground. Tie to AGND.
CONVST (Pin 24): Conversion Start Signal. This active low
signal starts a conversion on its falling edge.
Spurious-Free Dynamic Range vs
Input Frequency
Intermodulation Distortion Plot
Differential Nonlinearity vs
Output Code
INPUT FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
1414 G04
OUTPUT CODE
0
4096
8192
12288
16384
1414 G06
2.0
1.0
0
–1.0
–2.0
Integral Nonlinearity vs Output
Code
Power Supply Feedthrough vs
Ripple Frequency
Input Common Mode Rejection vs
Input Frequency
INPUT FREQUENCY (Hz)
1k
80
70
60
50
40
30
20
10
0
10k
100k
LTC1414 • F12
1M
10M
OUTPUT CODE
0
4096
8192
12288
16384
1414 G07
2.0
1.0
0
–1.0
–2.0
FREQUENCY (kHz)
0
400
800
200
600
1000
1414 F05a
0
–20
–40
–60
–80
–100
–120
fSAMPLE = 2.2MHz
fIN1 = 80.566kHz
fIN2 = 97.753kHz
RIPPLE FREQUENCY (Hz)
0
2M4M6M8M
10M
1414 G08
0
–20
–40
–60
–80
–100
–120
VSS (VRIPPLE = 0.02V)
VDD (VRIPPLE = 0.2V)
OGND (VRIPPLE = 0.5V)
OVDD (VRIPPLE = 0.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com