Electronic Components Datasheet Search
  English  ▼

X  

LTC1415 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1415
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415 Datasheet(HTML) 1 Page - Linear Technology

  LTC1415 Datasheet HTML 1Page - Linear Technology LTC1415 Datasheet HTML 2Page - Linear Technology LTC1415 Datasheet HTML 3Page - Linear Technology LTC1415 Datasheet HTML 4Page - Linear Technology LTC1415 Datasheet HTML 5Page - Linear Technology LTC1415 Datasheet HTML 6Page - Linear Technology LTC1415 Datasheet HTML 7Page - Linear Technology LTC1415 Datasheet HTML 8Page - Linear Technology LTC1415 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1415
12-Bit, 1.25Msps, 55mW
Sampling A/D Converter
APPLICATI
TYPICAL
1.25MHz, 12-Bit Sampling A/D Converter
, LTC and LT are registered trademarks of Linear Technology Corporation.
Effective Bits and Signal-to-(Noise + Distortion)
vs Input Frequency
S
FEATURE
s
1.25Msps Sample Rate
s
Single 5V Supply
s
Power Dissipation: 55mW
s
Nap and Sleep Power Shutdown Modes
s
±0.35LSB INL and ±0.25LSB DNL
s
72dB S/(N + D) and 80dB THD at 100kHz
s
External or Internal Reference Operation
s
True Differential Inputs Reject Common Mode Noise
s
Input Range: 4.096V (1mV/LSB)
s
28-Pin SSOP and SO Packages
DESCRIPTIO
The LTC
®1415 is a 700ns, 1.25Msps, 12-bit sampling
A/D converter that draws only 55mW from a single 5V
supply. This easy-to-use device includes a high dynamic
range sample-and-hold, precision reference and a trimmed
internal clock. Two power shutdown modes provide flex-
ibility for low power systems.
The LTC1415’s full-scale input range is 4.096V. Low
linearity errors
±0.35LSB INL, ±0.25LSB DNL make it
ideal for imaging systems. Outstanding AC performance
includes 72dB S/(N + D) and 80dB THD with an input
frequency of 100kHz.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 18MHz
bandwidth. The 60dB common mode rejection allows
users to eliminate ground loops and common mode noise
by measuring signals differentially from the source.
The ADC has a
µP compatible, 12-bit parallel output port.
There is no pipeline delay in the conversion results. A
separate convert start input and data ready signal (BUSY)
ease connections to FIFOs, DSPs and microprocessors. A
separate output logic supply pin allows direct connection
to 3V components.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VREF
REFCOMP
AGND
D11(MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
AVDD
DVDD
OVDD
BUSY
CS
CONVST
RD
SHDN
NAP/SLP
OGND
D0
D1
D2
D3
LTC1415
10
µF
DIFFERENTIAL
ANALOG INPUT
(0V TO 4.096V)
2.50V
VREF OUTPUT
10
µF
5V
12-BIT
PARALLEL
BUS
µP CONTROL
LINES
1415 TA01
OUTPUT LOGIC
SUPPLY 3V OR 5V
INPUT FREQUENCY (Hz)
1k
12
11
10
9
8
7
6
5
4
3
2
1
0
74
68
62
56
10k
100k
LTC1415 • TA02
1M
2M
NYQUIST
FREQUENCY
fSAMPLE = 1.25Msps
S
APPLICATI
s
High Speed Data Acquisition
s
Imaging Systems
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
Telecommunications


Similar Part No. - LTC1415

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1415 LINER-LTC1415_15 Datasheet
335Kb / 24P
12-Bit, 1.25Msps, 55mW Sampling A/D Converter
More results

Similar Description - LTC1415

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
12-Bit 3ms Sampling A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
06 1999
logo
Linear Technology
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
July 2000
logo
Linear Technology
LTC1410 LINER-LTC1410_15 Datasheet
163Kb / 16P
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
LTC1415 LINER-LTC1415_15 Datasheet
335Kb / 24P
12-Bit, 1.25Msps, 55mW Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com