Electronic Components Datasheet Search
  English  ▼

X  

LTC1415 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1415
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1415 Datasheet HTML 2Page - Linear Technology LTC1415 Datasheet HTML 3Page - Linear Technology LTC1415 Datasheet HTML 4Page - Linear Technology LTC1415 Datasheet HTML 5Page - Linear Technology LTC1415 Datasheet HTML 6Page - Linear Technology LTC1415 Datasheet HTML 7Page - Linear Technology LTC1415 Datasheet HTML 8Page - Linear Technology LTC1415 Datasheet HTML 9Page - Linear Technology LTC1415 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1415
TYPICAL PERFORMANCE CHARACTERISTICS
Input Common Mode Rejection
vs Input Frequency
Power Supply Feedthrough vs
Ripple Frequency
RIPPLE FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1k
100k
1M
2M
LTC1415 • TPC08
10k
VDD
OVDD
DGND
INPUT FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
1k
100k
1M 2M
LTC1415 • TPC09
10k
PI FU CTIO S
RD (Pin 22): Read Input. This enables the output
drivers when CS is low.
CONVST (Pin 23): Conversion Start Signal. This active
low signal starts a conversion on its falling edge.
CS (Pin 24): The Chip Select input must be low for the
ADC to recognize CONVST and RD inputs.
BUSY (Pin 25): The BUSY output shows the converter
status. It is low when a conversion is in progress. Its
rising edge may be used to latch the output data.
0VDD (Pin 26): Digital output buffer supply. Short to Pin
28 for 5V output. Tie to 3V for driving 3V logic.
DVDD (Pin 27): 5V Positive Supply. Short to Pin 28.
AVDD (Pin 28): 5V Positive Supply. Bypass to AGND
with 10
µF tantalum in parallel with 0.1µF or 10µF
ceramic.
+AIN (Pin 1): Positive Analog Input, 0V to 4.096V.
–AIN (Pin 2): Negative Analog Input, 0V to 4.096V.
VREF (Pin 3): 2.50V Reference Output.
REFCOMP (Pin 4): Bypass to AGND with 10
µF tantalum
in parallel with 0.1
µF or 10µF ceramic.
AGND (Pin 5): Analog Ground.
D11 to D4 (Pins 6 to 13): Three-State Data Outputs.
DGND (Pin 14): Digital Ground.
D3 to D0 (Pins 15 to 18): Three-State Data Outputs.
OGND (Pin 19): Digital Output Buffer Ground.
NAP/SLP (Pin 20): Power Shutdown Mode. High for
quick wake-up Nap mode.
SHDN (Pin 21): Power Shutdown Input. A low logic
level will invoke the Shutdown mode selected by the
NAP/SLP pin. Tie high if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com