Electronic Components Datasheet Search
  English  ▼

X  

LTC1415 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1415
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415 Datasheet(HTML) 4 Page - Linear Technology

  LTC1415 Datasheet HTML 1Page - Linear Technology LTC1415 Datasheet HTML 2Page - Linear Technology LTC1415 Datasheet HTML 3Page - Linear Technology LTC1415 Datasheet HTML 4Page - Linear Technology LTC1415 Datasheet HTML 5Page - Linear Technology LTC1415 Datasheet HTML 6Page - Linear Technology LTC1415 Datasheet HTML 7Page - Linear Technology LTC1415 Datasheet HTML 8Page - Linear Technology LTC1415 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1415
(Note 5)
TI I G CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range; all other limits and typicals TA = 25°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND and
AGND wired together unless otherwise noted.
Note 3: When these pin voltages are taken below ground or above VDD,
they will be clamped by internal diodes. This product can handle input
currents greater than 100mA below ground or above VDD without latchup.
Note 4: When these pin voltages are taken below ground, they will be
clamped by internal diodes. This product can handle input currents greater
than 100mA below ground without latchup. These pins are not clamped
to VDD.
Note 5: VDD = 5V, fSAMPLE = 1.25MHz, tr = tf = 5ns unless otherwise
specified.
Note 6: Linearity, offset and full-scale specifications apply for a single-
ended +AIN input with – AIN grounded.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar offset is the offset voltage measured from – 0.5LSB when
the output code flickers between 0000 0000 0000 and 1111 1111 1111.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note 11: The falling edge of CONVST starts a conversion. If CONVST
returns high at a critical point during the conversion it can create small
errors. For best performance ensure that CONVST returns high either
within 425ns after the start of the conversion or after BUSY rises.
Note 12: CS = RD = CONVST = 0V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
q
1.25
MHz
Conversion and Acquisition Time
q
800
ns
tCONV
Conversion Time
q
700
ns
tACQ
Acquisition Time
q
150
ns
t1
CS to RD Setup Time
(Notes 9, 10)
q
0ns
t2
CS
↓ to CONVST↓Setup Time
(Notes 9, 10)
q
10
ns
t3
NAP/SLP
↑to SHDN↓Setup Time
(Notes 9, 10)
200
ns
t4
SHDN
↑ to CONVST↓ Wake-Up Time Nap Mode (Note 10)
200
ns
Sleep Mode, CREFCOMP = 10µF (Note 10)
10
ms
t5
CONVST Low Time
(Notes 10, 11)
q
50
ns
t6
CONVST to BUSY Delay
CL = 25pF
10
ns
q
60
ns
t7
Data Ready Before BUSY
↑
20
35
ns
q
15
ns
t8
Delay Between Conversions
(Note 10)
q
50
ns
t9
Wait Time RD
↓ After BUSY↑
q
–5
ns
t10
Data Access Time After RD
↓
CL = 25pF
20
35
ns
q
45
ns
CL = 100pF
25
45
ns
q
60
ns
t11
Bus Relinquish Time
10
30
ns
0
°C = TA = 70°C
q
35
ns
–40
°C = TA = 85°C
q
40
ns
t12
RD Low Time
q
t10
ns
t13
CONVST High Time
q
50
ns
t14
Aperture Delay of Sample-and-Hold
– 1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com