Electronic Components Datasheet Search
  English  ▼

X  

LTC1482 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1482
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1482 Datasheet HTML 8Page - Linear Technology LTC1482 Datasheet HTML 9Page - Linear Technology LTC1482 Datasheet HTML 10Page - Linear Technology LTC1482 Datasheet HTML 11Page - Linear Technology LTC1482 Datasheet HTML 12Page - Linear Technology LTC1482 Datasheet HTML 13Page - Linear Technology LTC1482 Datasheet HTML 14Page - Linear Technology LTC1482 Datasheet HTML 15Page - Linear Technology LTC1482 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1482
1482f LT/TP 0400 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC485
5V Low Power RS485 Interface Transceiver
Low Power
LTC1480
3.3V Ultralow Power RS485 Transceiver with Shutdown
Lower Supply Voltage
LTC1481
5V Ultralow Power RS485 Transceiver with Shutdown
Lowest Power
LTC1483
5V Ultralow Power RS485 Low EMI Transceiver with Shutdown
Low EMI/Lowest Power
LTC1484
5V Low Power RS485 Transceiver with Fail-Safe Receiver Output
Low Power, High Output State When Inputs are Open,
Shorted or Terminated
LTC1485
5V RS485 Transceiver
High Speed, 10Mbps,
±15kV ESD Protection
LTC1487
5V Ultralow Power RS485 with Low EMI, Shutdown and
Highest Input Impedance, Low EMI, Lowest Power
High Input Impedance
LTC1535
Isolated RS485 Transceiver
2500VRMS Isolation
LTC1685
52Mbps RS485 Transceiver
Propagation Delay Skew 500ps (Typ)
LTC1690
5V Differential Driver and Receiver Pair with Fail-Safe Receiver Output
Low Power,
±15kV ESD Protection
LT1785
±60V Fault Protected RS485 Transceiver
±15kV ESD Protection, Industry Standard Pinout
TYPICAL APPLICATIO
RO
CD
DE
DI
R
D
RO
CD
DE
DI/
SHDN
VCC
B
A
GND
1482 TA02
“A”
“B”
5V
LTC1482
I1
I2
Fail-Safe “0” Application (Idle State = Logic “0”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com