Electronic Components Datasheet Search
  English  ▼

X  

LTC1482 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1482
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482 Datasheet(HTML) 5 Page - Linear Technology

  LTC1482 Datasheet HTML 1Page - Linear Technology LTC1482 Datasheet HTML 2Page - Linear Technology LTC1482 Datasheet HTML 3Page - Linear Technology LTC1482 Datasheet HTML 4Page - Linear Technology LTC1482 Datasheet HTML 5Page - Linear Technology LTC1482 Datasheet HTML 6Page - Linear Technology LTC1482 Datasheet HTML 7Page - Linear Technology LTC1482 Datasheet HTML 8Page - Linear Technology LTC1482 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1482
TYPICAL PERFOR A CE CHARACTERISTICS
Receiver Input Offset Voltage vs
Temperature
Receiver Hysteresis vs
Temperature
Receiver Input Threshold Voltage
vs Supply Voltage
Carrier Detect Output Voltage vs
Receiver Input Voltage
Carrier Detect Threshold Voltage
(Output High) vs Temperature
Carrier Detect Threshold Voltage
(Output Low) vs Temperature
Receiver Output High Voltage vs
Temperature
Carrier Detect Output High
Voltage vs Output Current
Receiver and Carrier Detect
Output Low Voltage vs Output
Current
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G04
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
VCC = 5V
VCM = –7V
VCM = 12V
VCM = 0V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G05
100
90
80
70
60
50
40
30
20
10
0
VCC = 5V
VCM = –7V TO 12V
SUPPLY VOLTAGE (V)
4.5
4.75
5
5.25
5.5
1482 G06
0
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
–0.14
–0.16
–0.18
–0.20
TA = 25°C
VTHRO(HIGH)
VTHRO(LOW)
RECEIVER INPUT VOLTAGE (V)
–0.25
–0.15
–0.05
0.05
0.15
0.25
1482 G07
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (
°C)
1482 G08
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
VCC = 5V
POSITIVE
VTHCD(HIGH)
NEGATIVE
VTHCD(HIGH)
–55 –35 –15
5
25
45
65
85 105 125
VCM = 12V
VCM = –7V
VCM = 0V
VCM = 12V
VCM = –7V
VCM = 0V
TEMPERATURE (
°C)
1482 G09
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
VCC = 5V
POSITIVE
VTHCD(LOW)
NEGATIVE
VTHCD(LOW)
–55 –35 –15
5
25
45
65
85 105 125
VCM = 12V
VCM = –7V
VCM = 12V
VCM = –7V
VCM = 0V
VCM = 0V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G10
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
VCC = 4.75V
IOUT = –8mA
OUTPUT CURRENT (
µA)
–35
–30
–25
–20
–15
–10
–5
0
1482 G11
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VCC = 4.75V
TA = 25°C
OUTPUT LOW VOLTAGE (V)
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
1482 G12
40
35
30
25
20
15
10
5
0
TA = 25°C
VCC = 4.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com