Electronic Components Datasheet Search
  English  ▼

X  

LTC1482 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1482
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482 Datasheet(HTML) 4 Page - Linear Technology

  LTC1482 Datasheet HTML 1Page - Linear Technology LTC1482 Datasheet HTML 2Page - Linear Technology LTC1482 Datasheet HTML 3Page - Linear Technology LTC1482 Datasheet HTML 4Page - Linear Technology LTC1482 Datasheet HTML 5Page - Linear Technology LTC1482 Datasheet HTML 6Page - Linear Technology LTC1482 Datasheet HTML 7Page - Linear Technology LTC1482 Datasheet HTML 8Page - Linear Technology LTC1482 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1482
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCDH(SHDN) Receiver Input to CD Output High at Shutdown
RDIFF = 54Ω, CL1 = CL2 = 100pF,
q
2600
5000
ns
(Figures 4, 11) DI/SHDN = DE
tCDL(SHDN) Receiver Input to CD Output Low from Shutdown
RDIFF = 54Ω, CL1 = CL2 = 100pF,
q
2600
5000
ns
(Figures 4, 11) DI/SHDN = DE
tZH(SHDN)
Receiver Enable from Shutdown to Output High
CL = 15pF (Figures 3, 9) S2 Closed,
q
30
600
ns
A = 750mV, B = – 750mV, DE = 0,
DI/SHDN =
tZL(SHDN)
Receiver Enable from Shutdown to Output Low
CL = 15pF (Figures 3, 9) S1 Closed,
q
2600
5000
ns
A = – 750mV, B = 750mV, DE = 0,
DI/SHDN =
tHZ(SHDN)
Receiver Disable from High on Shutdown
CL = 15pF (Figures 3, 9) S2 Closed,
q
200
600
ns
A = 750mV, B = – 750mV, DE = 0,
DI/SHDN =
tLZ(SHDN)
Receiver Disable from Low on Shutdown
CL = 15pF (Figures 3, 9) S1 Closed,
q
200
600
ns
A = – 750mV, B = 750mV, DE = 0,
DI/SHDN =
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V ±5% (Notes 2 and 3) unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: All typicals are given for VCC = 5V and TA = 25°C.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 4: For higher ambient temperatures, the part may enter thermal
shutdown during short-circuit conditions.
Note 5: Both driver input and driver enable pins are pulled high
simultaneously.
Note 6: Guaranteed by design.
Note 7: Measured with an external LTC1485 driver.
SWITCHING CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Receiver Output Voltage vs Input
Voltage
Receiver Input Threshold Voltage
(Output High) vs Temperature
Receiver Input Threshold Voltage
(Output Low) vs Temperature
INPUT VOLTAGE (V)
–0.2
–0.16
–0.12
–0.08
–0.04
0
1482 G01
6
5
4
3
2
1
0
TA = 25°C
VTHRO(HIGH)
VTHRO(LOW)
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G02
0
–0.02
–0.04
–0.06
–0.08
–0.1
–0.12
–0.14
–0.16
–0.18
–0.20
VCC = 5V
VTHRO(HIGH)
VCM = –7V
VCM = 12V
VCM = 0V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1482 G03
0
–0.02
–0.04
–0.06
–0.08
–0.1
–0.12
–0.14
–0.16
–0.18
–0.20
VCC = 5V
VTHRO(LOW)
VCM = –7V
VCM = 12V
VCM = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com