Electronic Components Datasheet Search
  English  ▼

X  

UPD75P3036 Datasheet(PDF) 39 Page - NEC

Part # UPD75P3036
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P3036 Datasheet(HTML) 39 Page - NEC

Back Button UPD75P3036 Datasheet HTML 35Page - NEC UPD75P3036 Datasheet HTML 36Page - NEC UPD75P3036 Datasheet HTML 37Page - NEC UPD75P3036 Datasheet HTML 38Page - NEC UPD75P3036 Datasheet HTML 39Page - NEC UPD75P3036 Datasheet HTML 40Page - NEC UPD75P3036 Datasheet HTML 41Page - NEC UPD75P3036 Datasheet HTML 42Page - NEC UPD75P3036 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
µPD75P3036
39
AC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU clock cycle timeNote 1
tCY
Operates with
VDD = 2.7 to 5.5 V
0.67
64
µs
(minimum instruction
main system clock
0.95
64
µs
execution time = 1
Operates with
114
122
125
µs
machine cycle)
subsystem clock
TI0, TI1, TI2 input frequency
fTI
VDD = 2.7 to 5.5 V
0
1.0
MHz
0
275
kHz
TI0, TI1, TI2 high-, low-level
tTIH, tTIL
VDD = 2.7 to 5.5 V
0.48
µs
widths
1.8
µs
Interrupt input high-,
tINTH, tINTL
INT0
IM02 = 0
Note 2
µs
low-level widths
IM02 = 1
10
µs
INT1, 2, 4
10
µs
KR0 to KR7
10
µs
RESET low-level width
tRSL
10
µs
Notes 1.
The cycle time of the CPU clock (
Φ) is
determined by the oscillation frequency
of the connected resonator (and ex-
ternal clock), the system clock control
register (SCC), and processor clock
control register (PCC).
The figure on the right shows the sup-
ply voltage VDD vs. cycle time tCY char-
acteristics when the device operates
with the main system clock.
2.
2tCY or 128/fX depending on the setting
of the interrupt mode register (IM0).
0
1
2
3
4
5
6
1
0.5
2
3
4
5
6
60
64
(with main system clock)
tCY vs VDD
Operation guaranteed range
Supply voltage VDD [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com