Electronic Components Datasheet Search
  English  ▼

X  

UPD75P3036 Datasheet(PDF) 21 Page - NEC

Part # UPD75P3036
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P3036 Datasheet(HTML) 21 Page - NEC

Back Button UPD75P3036 Datasheet HTML 17Page - NEC UPD75P3036 Datasheet HTML 18Page - NEC UPD75P3036 Datasheet HTML 19Page - NEC UPD75P3036 Datasheet HTML 20Page - NEC UPD75P3036 Datasheet HTML 21Page - NEC UPD75P3036 Datasheet HTML 22Page - NEC UPD75P3036 Datasheet HTML 23Page - NEC UPD75P3036 Datasheet HTML 24Page - NEC UPD75P3036 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
µPD75P3036
21
7. INSTRUCTION SET
(1) Representation and coding formats for operands
In the instruction’s operand area, use the following coding format to describe operands corresponding to the instruction’s
operand representations (for further description, see the RA75X Assembler Package User’s Manual—Language
(EEU-1363)). When there are several codes, select and use just one. Codes that consist of uppercase letters and + or
– symbols are key words that should be entered as they are.
For immediate data, enter an appropriate numerical value or label.
Enter register flag symbols as label descriptors instead of mem, fmem, pmem, bit, etc. (for further description, see the
User’s Manual). The number of labels that can be entered for fmem and pmem are restricted.
Representation
Coding format
reg
X, A, B, C, D, E, H, L
reg1
X, B, C, D, E, H, L
rp
XA, BC, DE, HL
rp1
BC, DE, HL
rp2
BC, DE
rp’
XA, BC, DE, HL, XA’, BC’, DE’, HL’
rp’1
BC, DE, HL, XA’, BC’, DE’, HL’
rpa
HL, HL+, HL–, DE, DL
rpa1
DE, DL
n4
4-bit immediate data or label
n8
8-bit immediate data or label
mem
8-bit immediate data or labelNote
bit
2-bit immediate data or label
fmem
FB0H-FBFH, FF0H-FFFH immediate data or label
pmem
FC0H-FFFH immediate data or label
addr
0000H-3FFFH immediate data or label
addr1
0000H-3FFFH immediate data or label
caddr
12-bit immediate data or label
faddr
11-bit immediate data or label
taddr
20H-7FH immediate data (however, bit0 = 0) or label
PORTn
PORT0-PORT8
IEXXX
IEBT, IECSI, IET0-IET2, IE0-IE2, IE4, IEW
RBn
RB0-RB3
MBn
MB0-MB2, MB15
Note
When processing 8-bit data, only even-numbered addresses can be entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com