Electronic Components Datasheet Search
  English  ▼

X  

UPD75P3036 Datasheet(PDF) 13 Page - NEC

Part # UPD75P3036
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P3036 Datasheet(HTML) 13 Page - NEC

Back Button UPD75P3036 Datasheet HTML 9Page - NEC UPD75P3036 Datasheet HTML 10Page - NEC UPD75P3036 Datasheet HTML 11Page - NEC UPD75P3036 Datasheet HTML 12Page - NEC UPD75P3036 Datasheet HTML 13Page - NEC UPD75P3036 Datasheet HTML 14Page - NEC UPD75P3036 Datasheet HTML 15Page - NEC UPD75P3036 Datasheet HTML 16Page - NEC UPD75P3036 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
µPD75P3036
13
Note Becomes active when an input instruction is executed.
TYPE M-E
TYPE Y-B
TYPE Z-N
TYPE Y
N-ch
input
enable
P-ch
IN
VDD
reference
voltage
AVREF
VDD
P-ch
N-ch
ADEN
IN/OUT
P.U.R.
enable
data
Type D
output
disable
Type A
P.U.R. : Pull-Up Resistor
port
input
Note
Type Y
VDD
AVSS
Sam-
pling C
reference voltage
(from voltage tap of
series resistor string)
AVSS
+
–
AVSS
(3/3)
IN/OUT
data
output
disable
N-ch
P-ch
input
instruction
(+13 V withstand
voltage)
The pull-up resistor operates only when an input
instruction is executed (current flows from VDD to
the pin when the pin is low).
VDD
P.U.R.
Voltage limitation
circuit
Note
(+13 V
withstand
voltage)
Note
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com