Electronic Components Datasheet Search
  English  ▼

X  

LTC1535 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1535
Description  Isolated RS485 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535 Datasheet(HTML) 3 Page - Linear Technology

  LTC1535 Datasheet HTML 1Page - Linear Technology LTC1535 Datasheet HTML 2Page - Linear Technology LTC1535 Datasheet HTML 3Page - Linear Technology LTC1535 Datasheet HTML 4Page - Linear Technology LTC1535 Datasheet HTML 5Page - Linear Technology LTC1535 Datasheet HTML 6Page - Linear Technology LTC1535 Datasheet HTML 7Page - Linear Technology LTC1535 Datasheet HTML 8Page - Linear Technology LTC1535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1535
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 0°C ≤ TA ≤ 70°C, VCC = 5V, VCC2 = 5V unless otherwise noted.
IOZ
Driver Output Leakage
1
µA
VOH2
RO2 Output High Voltage
IRO2 = – 4mA, VCC = 4.5V
q
3.7
3.9
V
IRO2 = –10mA, VCC = 4.5V
3.4
V
VOL2
RO2 Output Low Voltage
IRO2 = 4mA, VCC = 4.5V
q
0.4
0.8
V
IRO2 = 10mA, VCC = 4.5V
0.9
V
fSW
DC Converter Frequency
q
290
420
520
kHz
RSWH
DC Converter R High
VCC = 4.5V
q
46
Ω
RSWL
DC Converter R Low
VCC = 4.5V
q
2.5
5
Ω
IREL
RE Output Low Current
RE Sink Current, Fault = 0
q
–40
– 50
–80
µA
IREH
RE Output High Current
RE Source Current, Fault = 1
q
80
100
130
µA
VUVL
Undervoltage Low Threshold
RE Fault = 1, Note 5
q
3.90
4.00
4.25
V
VUVH
Undervoltage High Threshold
RE Fault = 0, Note 5
q
4.05
4.20
4.40
V
VISO
Isolation Voltage
1 Minute, Note 6
2500
VRMS
1 Second
3000
VRMS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSJ
Data Sample Jitter
Figure 8, Note 7
q
250
285
ns
fMAX
Max Baud Rate
Jitter = 10% Max, SLO = 1, Note 8
q
350
kBd
tPLH
Driver Input to Output
DE = 1, SLO = 1, Figure 3, Figure 5
q
600
855
ns
DE = 1, SLO = 0, Figure 3, Figure 5
q
1300
1560
ns
tPHL
Driver Input to Output
DE = 1, SLO = 1, Figure 3, Figure 5
q
600
855
ns
DE = 1, SLO = 0, Figure 3, Figure 5
q
1300
1560
ns
tr, tf
Driver Rise or Fall Time
DE = 1, SLO = 1, Figure 3, Figure 5
q
20
50
ns
DE = 1, SLO = 0
q
150
500
1000
ns
tZH
Driver Enable to Output
DI = 1, SLO = 1, Figure 4, Figure 6
q
1000
1400
ns
tZL
Driver Enable to Output
DI = 0, SLO = 1, Figure 4, Figure 6
q
1000
1400
ns
tLZ
Driver Disable to Output
DI = 0, SLO = 1, Figure 4, Figure 6
q
700
1000
ns
tHZ
Driver Disable to Output
DI = 1, SLO = 1, Figure 4, Figure 6
q
700
1000
ns
tPLH
Receiver Input to RO
RE = 0, Figure 2, Figure 7
q
600
855
ns
tPHL
Receiver Input to RO
RE = 0, Figure 2, Figure 7
q
600
855
ns
tPLH
Receiver Input to RO2
RE = 0, Figure 2, Figure 7
30
ns
tPHL
Receiver Input to RO2
RE = 0, Figure 2, Figure 7
30
ns
tr, tf
Receiver Rise or Fall Time
RE = 0, Figure 2, Figure 7
20
ns
tLZ
Receiver Disable to Output
Figure 2, Figure 8
30
ns
tHZ
Receiver Disable to Output
Figure 2, Figure 8
30
ns
tSTART
Initial Start-Up Time
Note 9
1200
ns
tTOF
Data Time-Out Fault
Note 9
1200
ns
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 0°C ≤ TA ≤ 70°C, VCC = 5V, VCC2 = 5V, R = 27Ω (RS485) unless
otherwise noted.
SWITCHI G CHARACTERISTICS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com