Electronic Components Datasheet Search
  English  ▼

X  

LTC1535 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1535
Description  Isolated RS485 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535 Datasheet(HTML) 4 Page - Linear Technology

  LTC1535 Datasheet HTML 1Page - Linear Technology LTC1535 Datasheet HTML 2Page - Linear Technology LTC1535 Datasheet HTML 3Page - Linear Technology LTC1535 Datasheet HTML 4Page - Linear Technology LTC1535 Datasheet HTML 5Page - Linear Technology LTC1535 Datasheet HTML 6Page - Linear Technology LTC1535 Datasheet HTML 7Page - Linear Technology LTC1535 Datasheet HTML 8Page - Linear Technology LTC1535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1535
POWER SIDE
VCC (Pin 1): 5V Supply. Bypass to GND with 10µF capaci-
tor.
ST1 (Pin 2): DC Converter Output 1 to DC Transformer.
ST2 (Pin 3): DC Converter Output 2 to DC Transformer.
GND (Pin 4): Ground.
DI (Pin 25): Transmit Data TTL Input to the Isolated Side
RS485 Driver. Do not float.
DE (Pin 26): Transmit Enable TTL Input to the Isolated
Side RS485 Driver. A high level enables the driver. Do not
float.
RE (Pin 27): Receive Data Output Enable TTL Input. A low
level enables the receiver. This pin also provides a fault
output signal. (See Applications Information.)
RO (Pin 28): Receive Data TTL Output.
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: RS422 50
Ω specification based on RS485 27Ω test.
Note 3: IIN is tested at VCC2 = 5V, guaranteed by design from
VCC2 = GND2 ≤ 5.25V.
Note 4: Input fault conditions on the RS485 receiver are detected with a
fixed receiver offset. The offset is such that an input short or open will
result in a high data output.
Note 5: The low voltage detect faults when VCC2 or VCC drops below 4.2V
and reenables when greater than 4.4V. The fault can be monitored
through the weak driver output on RE.
Note 6: Value derived from 1 second test.
ISOLATED SIDE
GND2 (Pin 11): Isolated Side Power Ground.
Z (Pin 12): Differential Driver Inverting Output.
Y (Pin 13): Differential Driver Noninverting Output.
VCC2 (Pin 14): 5V to 7.5V Supply from DC Transformer.
Bypass to GND with 10
µF capacitor.
B (Pin 15): Differential Receiver Inverting Input.
A (Pin 16): Differential Receiver Noninverting Input.
RO2 (Pin 17): Isolated Side Receiver TTL Output.
SLO (Pin 18): Slow Slew Rate Control of RS485 Driver. A
low level forces the driver outputs into slow slew rate
mode.
Note 7: The input signals are internally sampled and encoded. The internal
sample rate determines the data output jitter since the internal sampling is
asynchronous with respect to the external data. Nominally, a 4MHz
internal sample rate gives 250ns of sampling uncertainty in the input
signals.
Note 8: The maximum baud rate is 350kBd with 10% sampling jitter.
Lower baud rates have lower jitter.
Note 9: Start-up time is the time for communication to recover after a fault
condition. Data time-out is the time a fault is indicated on RE after data
communication has stopped.
PI FU CTIO S
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com