Electronic Components Datasheet Search
  English  ▼

X  

LTC1535 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1535
Description  Isolated RS485 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1535 Datasheet HTML 3Page - Linear Technology LTC1535 Datasheet HTML 4Page - Linear Technology LTC1535 Datasheet HTML 5Page - Linear Technology LTC1535 Datasheet HTML 6Page - Linear Technology LTC1535 Datasheet HTML 7Page - Linear Technology LTC1535 Datasheet HTML 8Page - Linear Technology LTC1535 Datasheet HTML 9Page - Linear Technology LTC1535 Datasheet HTML 10Page - Linear Technology LTC1535 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1535
APPLICATIO S I FOR ATIO
Isolation Barrier and Sampled Communication
The LTC1535 uses the SW-28 isolated lead frame package
to provide capacitive isolation barrier between the logic
interface and the RS485 driver/receiver pair. The barrier
provides 2500VRMS of isolation. Communication between
the two sides uses the isolation capacitors in a multiplexed
way to communicate full-duplex data across this barrier.
The data is sampled and encoded before transmitting
across the isolation barrier, which will add sampling jitter
and delay to the signals. The sampling jitter is approxi-
mately 250ns with a nominal delay of 600ns. At 250kBd
rate, this represents 6.2% total jitter. The nominal DE
signal to the driver output delay is 875ns
±125ns, which is
longer due to the encoding. Communication start-up time
is approximately 1
µs to 2µs. A time-out fault will occur if
communication from the isloated side fails. Faults can be
monitored on the RE pin.
Push-Pull DC/DC Converter
The powered side contains a full-bridge open-loop driver,
optimized for use with a single primary and center-tapped
secondary transformer. Figure 9 shows the DC/DC con-
verter in a configuration that can deliver up to to 100mA of
current to the isolated side using a Coiltronics CTX02-
14659 transformer.
Because the DC/DC converter is open-loop, care in choos-
ing low impedance parts is important for good regulation.
Care must also be taken to not exceed the VCC2 recom-
mended maximum voltage of 7.5V when there is very light
loading. The isolated side contains a low voltage detect
circuit to ensure that communication across the barrier
will only occur when there is sufficient isolated supply
voltage. If the output of the DC/DC converter is over-
loaded, the supply voltage will trip the low voltage detec-
tion at 4.2V. For higher voltage stand-off, the Coiltronics
CTX02-14608 transformer may be used.
Figure 9
**
2
1
1
1535 F09
VCC
GND
LOGIC COMMON
2
FLOATING RS485 COMMON
** TRANSFORMER
COILTRONICS (561) 241-7876
400kHz
4
14
11
1
+
+
GND2
1/2 BAT54C
1/2 BAT54C
ILOAD
VCC2
ST1
ST2
3
2
VCC
1
10
µF
10
µF
2
CTX02-14659
IEXT
IVCC2
TOTAL LOAD CURRENT, ILOAD (mA)
0
50
100
150
1535 F09a
8
6
4
2
0
VCC = 5.5V
VCC = 5V
VCC = 4.5V
VCC2 vs ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com